Electronic Components Datasheet Search
  English  ▼

X  

MP03312 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03312
Description  SAW Filter 240MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03312 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03312 Datasheet HTML 1Page - Golledge Electronics Ltd MP03312 Datasheet HTML 2Page - Golledge Electronics Ltd MP03312 Datasheet HTML 3Page - Golledge Electronics Ltd MP03312 Datasheet HTML 4Page - Golledge Electronics Ltd MP03312 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 240MHz
Model: TB0391A
Part No: MP03312
Rev No: 2
TB0391A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. Operate Temperature: -40°C to 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
239.5
240
240.5
Minimum Insertion Loss IL
dB
-
10
14
1dB Bandwidth
MHz
5.0
6.0
-
3dB Bandwidth
MHz
-
6.8
7.2
40dB Bandwidth
MHz
-
10.4
13
Group Delay ripple (237.5 - 242.5MHz)
ns
-
70
200
Amplitude ripple (237.5 - 242.5MHz)
dB
-
0.5
1
Phase linearity (237.5 - 242.5MHz)
rms
-
3
-
Attenuation: (Reference level from Min IL)
10MHz ~ 233MHz
dB
45
52
-
247MHz ~ 470MHz
dB
45
48
-


Similar Part No. - MP03312

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03313 GOLLEDGE-MP03313 Datasheet
171Kb / 5P
SAW Filter 156.80MHz
MP03314 GOLLEDGE-MP03314 Datasheet
101Kb / 6P
SAW Filter 48MHz
More results

Similar Description - MP03312

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
LBS24001 SIPAT-LBS24001 Datasheet
140Kb / 3P
240MHz SAW Filter 4MHz Bandwidth
LBT24004 SIPAT-LBT24004 Datasheet
140Kb / 3P
240MHz SAW Filter 19MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0341A TAI-SAW-TB0341A Datasheet
481Kb / 6P
SAW IF Filter 240MHz
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
152Kb / 3P
240MHz SAW Filter
LBS24001 SIPAT-LBS24001 Datasheet
146Kb / 3P
240MHz SAW Filter 4MHz Bandwidth
LBT24003 SIPAT-LBT24003 Datasheet
145Kb / 3P
240MHz SAW Filter 14MHz Bandwidth
LBT24004 SIPAT-LBT24004 Datasheet
146Kb / 3P
240MHz SAW Filter 19MHz Bandwidth
logo
Golledge Electronics Lt...
MA09923 GOLLEDGE-MA09923 Datasheet
95Kb / 5P
SAW Filter 240MHz
MP02165 GOLLEDGE-MP02165 Datasheet
120Kb / 5P
SAW Filter 240MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com