Electronic Components Datasheet Search
  English  ▼

X  

MP03314 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03314
Description  SAW Filter 48MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03314 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03314 Datasheet HTML 1Page - Golledge Electronics Ltd MP03314 Datasheet HTML 2Page - Golledge Electronics Ltd MP03314 Datasheet HTML 3Page - Golledge Electronics Ltd MP03314 Datasheet HTML 4Page - Golledge Electronics Ltd MP03314 Datasheet HTML 5Page - Golledge Electronics Ltd MP03314 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 48MHz
Model: TB0412A
Part No: MP03314
Rev No: 1
TB0412A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. Operating Temperature: -40°C to +85°C
3. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
48
-
Insertion Loss IL
dB
-
12.5
16
1dB Bandwidth
MHz
3.125
3.40
-
3dB Bandwidth
MHz
3.5
3.90
-
Pass band Ripple Fc ± 1.5MHz
dB
-
0.6
1.0
Group delay Variation Fc ± 1.56MHz
-
135
220
Stopband Rejection
Fc ± 1.54MHz
Fc ± 2.72MHz
Fc ± 3.50MHz
Fc ± 5.0MHz
dBc
dBc
dBc
dBc
-
30
40
45
2.6
35
45
47
-
-
-
-


Similar Part No. - MP03314

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03312 GOLLEDGE-MP03312 Datasheet
145Kb / 5P
SAW Filter 240MHz
MP03313 GOLLEDGE-MP03313 Datasheet
171Kb / 5P
SAW Filter 156.80MHz
More results

Similar Description - MP03314

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
SMD 3.2x2.5 48MHz Crystal Oscillator
logo
SIPAT Co,Ltd
LBN14005 SIPAT-LBN14005_08 Datasheet
151Kb / 3P
140MHz SAW Filter 48MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0411A TAI-SAW-TB0411A Datasheet
234Kb / 6P
48MHz IF SAW Filter (BW=9 MHz)
TB0412A TAI-SAW-TB0412A Datasheet
240Kb / 6P
48MHz IF SAW Filter (BW=3.125 MHz)
logo
SIPAT Co,Ltd
LBN14005 SIPAT-LBN14005 Datasheet
151Kb / 3P
140MHz SAW Filter 48MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1145A TAI-SAW-TB1145A Datasheet
121Kb / 8P
SAW Filter 48MHz 3.5MHz BW (SMD 7.0횞5.0 mm)
TB1208A TAI-SAW-TB1208A Datasheet
201Kb / 8P
149.64MHz 48MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1344A TAI-SAW-TB1344A Datasheet
442Kb / 8P
149.64MHz 48MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TZ1979A TAI-SAW-TZ1979A Datasheet
116Kb / 5P
HC49US DIP 48MHz Crystal Unit
REV. NO.: 1.0
TZ2613B TAI-SAW-TZ2613B Datasheet
181Kb / 8P
Crystal Unit SMD 1.6x1.2 48MHz
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com