Electronic Components Datasheet Search
  English  ▼

X  

ST20002B Datasheet(PDF) 2 Page - Littelfuse

Part # ST20002B
Description  Power Thermistors Inrush Current Limiting Power Thermistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ST20002B Datasheet(HTML) 2 Page - Littelfuse

  ST20002B Datasheet HTML 1Page - Littelfuse ST20002B Datasheet HTML 2Page - Littelfuse ST20002B Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
littelfuse.com
© 2018 Littelfuse, Inc. Revised: February 26, 2018
Specifications are subject to change without notice.
Inrush Current Limiting Power Thermistor
Power Thermistors
Specifications
Part
Number
Resistance
Ohms
@25°C
*Resistance
Tol. ± %
@ 25°C
Imax Max. Steady
State Current I
MAX
(A)
Nominal Resistance
@ Max. Current,
RImax (Ohms)
RImax Resis.
@ Max.
Current Ohms
Lead Diameter
Nominal
(Inch)
ST0R713B
0.7
25
13
0.025
0.025
0.04
ST1R005B
1
30
5
0.040
0.09
0.024
ST1R020B
1
15
20
0.030
0.015
0.04
ST1R030B
1
25
30
0.050
0.015
0.04
ST1R508B
1.5
20
8
0.040
0.6
0.032
ST2R018B
2
20
18
0.135
0.03
0.04
ST2R503B
2.5
20
3
0.070
0.15
0.032
ST2R507B
2.5
20
7
0.070
0.05
0.032
ST2R509B
2.5
20
9
0.060
0.04
0.032
ST2R510B
2.5
20
10
0.200
0.04
0.04
ST10001B
10
20
1
0.090
0.65
0.024
ST10003B
10
20
3
0.015
0.2
0.032
ST10005B
10
20
5
0.015
0.2
0.04
ST10006B
10
20
6
0.600
0.15
0.04
ST10010B
10
20
10
0.030
0.1
0.04
ST12001B
12
20
1
0.150
1.19
0.032
ST15004C
15
20
4
0.050
0.25
0.032
ST16002D
16
20
2
0.040
0.47
0.032
ST20001C
20
20
0.3
0.110
1
0.024
ST20002B
20
20
1.75
0.400
0.6
0.032
ST25002C
25
20
2
0.100
0.64
0.032
ST20100B
200
20
0.1
0.170
6.3
0.018
*Resistance tolerances of ± 1%, 2%, and 5% are available upon request
ST Series Inrush Current Limiters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com