Electronic Components Datasheet Search
  English  ▼

X  

PSR033FS0450 Datasheet(PDF) 27 Page - Littelfuse

Part # PSR033FS0450
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0450 Datasheet(HTML) 27 Page - Littelfuse

Back Button PSR033FS0450 Datasheet HTML 20Page - Littelfuse PSR033FS0450 Datasheet HTML 21Page - Littelfuse PSR033FS0450 Datasheet HTML 22Page - Littelfuse PSR033FS0450 Datasheet HTML 23Page - Littelfuse PSR033FS0450 Datasheet HTML 24Page - Littelfuse PSR033FS0450 Datasheet HTML 25Page - Littelfuse PSR033FS0450 Datasheet HTML 26Page - Littelfuse PSR033FS0450 Datasheet HTML 27Page - Littelfuse PSR033FS0450 Datasheet HTML 28Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
27 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
- THIS DATA IS GENERATED IN EXCEL -
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TEMPERATURE RE‐RATING CURVE
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
04/04/2017
A
2 OF 2
FCC11-PSR
PSR Series
0
20%
140°C
284°F
0
20%
120°C
248°F
80°C
176°F
40°C
104°F
‐20°C
‐4°F
‐40°C
‐40°F
‐60°C
‐76°F
40%
0°C
32°F
20°C
68°F
100°C
212°F
60°C
140°F
AMBIENT TEMPERATURE
10%
30%
10%
30%
50%
Temperature Derating Curve
(Temperature of Air Immediately Surrounding Fuse)
- THIS DATA IS GENERATED IN EXCEL -
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
I2T CORRECTION FACTOR
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/26/2015
A
3 OF 3
FCC0-
L50S 35-800A
PERCENT OF RATED CURRENT(%)
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
DERATING CURVE ‐ WATTS LOSS CORRECTION
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
03/20/2017
A
2 OF 2
FCC08-PSR
PSR Series
Watts Loss Correction Factor Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com