Electronic Components Datasheet Search
  English  ▼

X  

PSR033FS0550 Datasheet(PDF) 1 Page - Littelfuse

Part # PSR033FS0550
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0550 Datasheet(HTML) 1 Page - Littelfuse

  PSR033FS0550 Datasheet HTML 1Page - Littelfuse PSR033FS0550 Datasheet HTML 2Page - Littelfuse PSR033FS0550 Datasheet HTML 3Page - Littelfuse PSR033FS0550 Datasheet HTML 4Page - Littelfuse PSR033FS0550 Datasheet HTML 5Page - Littelfuse PSR033FS0550 Datasheet HTML 6Page - Littelfuse PSR033FS0550 Datasheet HTML 7Page - Littelfuse PSR033FS0550 Datasheet HTML 8Page - Littelfuse PSR033FS0550 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
1 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
Specifications
Voltage Range
AC: 550 V - 1300 V
DC: 500 V - 1000 V
Amperage Range
40 A - 2000 A
Interrupting Range
AC: 100 kA - 200 kA
DC: 150 kA
Time Constant
10ms
Microswitch
Yes
Mounting
Flush-End Style
Material
Body: Ceramic
Contacts: Plated Brass
Approvals
UL 248-13 Recognized (File: E71611)
C-UR-US (File: E71611)
IEC 60269-4 (Class aR)
CCC
Environmental
RoHS Compliant, REACH
Operating Temperature
-55 C° to +125 C°
Storage Temperature
Up to +35 C° with Relative
Humidity <65%
Country of Origin
Mexico
Description
Littelfuse PSR Series High-Speed Square Body Fuses are
specially designed for protection of power semiconductor
devices such as diodes, triacs, IGBTs, SCRs, MOSFETs
and other solid state devices that are typically designed
into power conversion and power conditioning equipment.
Variable frequency drives, inverters, UPS, rectifiers and
soft-starters are examples of typical equipment designed
with sensitive power semiconductor devices that cannot
withstand any line surge or overcurrent conditions and
require high-speed protection.
Littelfuse POWR-SPEED® PSR Series products offer
optimized circuit protection at the extremely fast speed
required to protect modern day power conversion devices.
Such products are commonly found in numerous applications
including pulp and paper industries, cranes and heavy-lifting
equipment, processing industries, wastewater treatment
plants and various large factories and MRO facilities.
Features/Benefits


Best in Class DC performance


Extremely current limiting


Superior cycling capability


Global certification cURus, CCC, IEC


Direct bus-bar mount design


Visual and optional microswitch fuse blown indication


Low watt-loss design


Compliance with US and Canadian requirements


Class aR performance according to IEC60269-4
Applications


Power Conversion Devices (UPS, Inverter,
Rectifiers, Drives)


DC Systems (DC Common Bus, DC Injection Braking)


Battery Protection Application (Energy Storage Systems)


Electric Vehicle Charging Stations


Heaters and Power Supplies
Semiconductor Fuses • Flush End • 40 A - 2000 A
S
SERIES CASE
SIZE
TERMINATION AMPERAGE
CATALOG
NUMBER
ORDERING PART
NUMBER
PSR
030
FL
0550
PSR030FL0550
PSR030FL0550Z
Ordering Part Number
Catalog Number
PSR 030 FL 0550 Z
Termination
FL - Flush End Metric Thread
FS - Flush End Inches Thread
Case Size
30, 31, 32, 33, 70, 71, 72,73
Amperage
Series
Packing Quantity
Z = (2-3 Pcs/Box)
Recommended Accessories
Microswitch: MS3H1000C (Case Size 30 to 33)
MS7H1500C (Case Size 70 to 73)


Similar Part No. - PSR033FS0550

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PSR033FS0550Z LITTELFUSE-PSR033FS0550Z Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
More results

Similar Description - PSR033FS0550

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
Square Body Semiconductor Fuses
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
High Speed Fuses
170M6149 COOPER-170M6149 Datasheet
71Kb / 2P
Square body DIN 43 653 stud-mount high speed fuses.
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030US0550Z LITTELFUSE-PSR030US0550Z Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
L50QS300.V LITTELFUSE-L50QS300.V Datasheet
853Kb / 12P
L50QS SERIES HIGH-SPEED ROUND BODY FUSES
Rev: 110317
PSR030DS0550Z LITTELFUSE-PSR030DS0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030US0550Z LITTELFUSE-PSR030US0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSX LITTELFUSE-PSX Datasheet
815Kb / 10P
PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com