Electronic Components Datasheet Search
  English  ▼

X  

PSR033FS1600 Datasheet(PDF) 7 Page - Littelfuse

Part # PSR033FS1600
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS1600 Datasheet(HTML) 7 Page - Littelfuse

Back Button PSR033FS1600 Datasheet HTML 3Page - Littelfuse PSR033FS1600 Datasheet HTML 4Page - Littelfuse PSR033FS1600 Datasheet HTML 5Page - Littelfuse PSR033FS1600 Datasheet HTML 6Page - Littelfuse PSR033FS1600 Datasheet HTML 7Page - Littelfuse PSR033FS1600 Datasheet HTML 8Page - Littelfuse PSR033FS1600 Datasheet HTML 9Page - Littelfuse PSR033FS1600 Datasheet HTML 10Page - Littelfuse PSR033FS1600 Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
7 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
Dimensions (31 Case Size)
Millimeters [inches]
Document Number:
OL-PSR031FS0000 Rev B and OL-PSR031FL0000 Rev. B
FL Stud Size:
M8x1.25 - 6H
8.0 [0.31]
FS Stud Size:
5/16-18 UNC-2B
8.0 [0.31]
Recommended Torque:
13.5 Nm
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR031FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
TVESELSK
6/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 31 CASE SIZE - METRIC THREAD OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
08/11/2017
518016GCP - RELEASED -TV
¼" Q.C.
TERMINAL
VISUAL INDICATOR
FUSE WITH MICROSWITCH
84.9
[3.34]
48.2 [1.90] REF
M4x0.7 THREAD
10.00 [0.394]
STUD LENGTH
MOUNTING SPECS:
STUD SIZE: M8
STUD TORQUE: 13.5Nm
49.0 - 51.0
[1.93 - 2.01]
51.5
[2.03]
51.5
[2.03]
57.5 [2.26] REF
20
[.8]
M8x1.25 - 6H
 8.00
 8.50 X 82°
M8x1.25 - 6H
 .31
 .33 X 82°
[
]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR031FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
TVESELSK
6/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 31 CASE SIZE - METRIC THREAD OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
08/11/2017
518016GCP - RELEASED -TV
¼" Q.C.
TERMINAL
VISUAL INDICATOR
FUSE WITH MICROSWITCH
84.9
[3.34]
48.2 [1.90] REF
M4x0.7 THREAD
10.00 [0.394]
STUD LENGTH
MOUNTING SPECS:
STUD SIZE: M8
STUD TORQUE: 13.5Nm
49.0 - 51.0
[1.93 - 2.01]
51.5
[2.03]
51.5
[2.03]
57.5 [2.26] REF
20
[.8]
M8x1.25 - 6H
 8.00
 8.50 X 82°
M8x1.25 - 6H
 .31
 .33 X 82°
[
]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR031FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
TVESELSK
6/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 31 CASE SIZE - METRIC THREAD OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
08/11/2017
518016GCP - RELEASED -TV
¼" Q.C.
TERMINAL
VISUAL INDICATOR
FUSE WITH MICROSWITCH
84.9
[3.34]
48.2 [1.90] REF
M4x0.7 THREAD
10.00 [0.394]
STUD LENGTH
MOUNTING SPECS:
STUD SIZE: M8
STUD TORQUE: 13.5Nm
49.0 - 51.0
[1.93 - 2.01]
51.5
[2.03]
51.5
[2.03]
57.5 [2.26] REF
20
[.8]
M8x1.25 - 6H
 8.00
 8.50 X 82°
M8x1.25 - 6H
 .31
 .33 X 82°
[
]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR031FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
TVESELSK
6/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 31 CASE SIZE - METRIC THREAD OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
08/11/2017
518016GCP - RELEASED -TV
¼" Q.C.
TERMINAL
VISUAL INDICATOR
FUSE WITH MICROSWITCH
84.9
[3.34]
48.2 [1.90] REF
M4x0.7 THREAD
10.00 [0.394]
STUD LENGTH
MOUNTING SPECS:
STUD SIZE: M8
STUD TORQUE: 13.5Nm
49.0 - 51.0
[1.93 - 2.01]
51.5
[2.03]
51.5
[2.03]
57.5 [2.26] REF
20
[.8]
M8x1.25 - 6H
 8.00
 8.50 X 82°
M8x1.25 - 6H
 .31
 .33 X 82°
[
]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-PSR031FL0000
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
TVESELSK
6/30/2017
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
SQUARE BODY 31 CASE SIZE - METRIC THREAD OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
08/11/2017
518016GCP - RELEASED -TV
¼" Q.C.
TERMINAL
VISUAL INDICATOR
FUSE WITH MICROSWITCH
84.9
[3.34]
48.2 [1.90] REF
M4x0.7 THREAD
10.00 [0.394]
STUD LENGTH
MOUNTING SPECS:
STUD SIZE: M8
STUD TORQUE: 13.5Nm
49.0 - 51.0
[1.93 - 2.01]
51.5
[2.03]
51.5
[2.03]
57.5 [2.26] REF
20
[.8]
M8x1.25 - 6H
 8.00
 8.50 X 82°
M8x1.25 - 6H
 .31
 .33 X 82°
[
]
SEE STUD SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com