Electronic Components Datasheet Search
  English  ▼

X  

MMRF1005HSR5 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF1005HSR5
Description  RF Power Field Effect Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1005HSR5 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF1005HSR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 9Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 10Page - NXP Semiconductors MMRF1005HSR5 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MMRF1005HR5 MMRF1005HSR5
7
RF Device Data
Freescale Semiconductor
Zo =10 
Zload
f = 1300 MHz
Zsource
f = 1300 MHz
VDD =50 Vdc,IDQ = 100 mA, Pout = 250 W Peak
f
MHz
Zsource
Zload
1300
5.32 + j4.11
1.17 + j1.48
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 11. Series Equivalent Source and Load Impedance — Pulse
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com