Electronic Components Datasheet Search
  English  ▼

X  

WMSAW6 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMSAW6
Description  2.5~6 Watts AC/DC Wall Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW6 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMSAW6 Datasheet HTML 1Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 2Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 3Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 4Page - Wall Industries,Inc. WMSAW6 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev D
WMSAW6 SERIES
2.5~6 Watts
AC/DC Wall Mount Power Supplies
04/21/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
HORIZONTAL TYPE
United States (“U” Suffix) United Kingdom (“K” Suffix) Europe (“E” Suffix)
China (“C” Suffix) Australia (“A” Suffix) Japan (“J” Suffix)
Korea (“KO” Suffix)
VERTICAL TYPE
United States (“U” Suffix) United Kingdom (“K” Suffix) Europe (“E” Suffix)
China (“C” Suffix) Australia (“A” Suffix) Japan (“J” Suffix)
Korea (“KO” Suffix)
FEATURES
• Class II
• Single Outputs
• RoHS Compliant
• 100-240VAC Input Voltage Range
• 2.5~6 Watts Output Power
• CEC / Energy Star Level VI Compliant (Except 12V Models)
• 0°C to +40° Operating Temperature Range
• Very Low Standby Power
• Vertical and Horizontal Types Available
• Several Output Connector Options Available
• Over Voltage, Over Current, & Short Circuit Protection
• UL/cUL, FCC, CE, GS, EUP, CB, BS1363, SAA, CCC,
PSE, MEPS, KC, & C-TICK Safety Approvals
• United States, United Kingdom, Europe, China,
Australia, Japan, and Korea AC Plug Types Available
DESCRIPTION
The WMSAW6 series of Class II AC/DC wall mount power supplies provides up to 6 Watts of output power. This series has single output models with an
input voltage range of 100-240VAC. These supplies are protected against over voltage, over current, and short circuit conditions. The WMSAW6 series is
RoHS and CEC/Energy Star Level VI compliant (Except for 12V models) and has UL/cUL, FCC, CE, GS, EUP, CB, BS1363, SAA, CCC, PSE, MEPS, and C-
TICK safety approvals. Vertical or horizontal package types are available for this series as well as United States, United Kingdom, Europe, China, Australia,
Japan, and Korea AC plug types. Several output connector options are also available. Please contact the factory for ordering details.
MODEL SELECTION TABLE
Model No (1)
Input Voltage Range Output Voltage Output Current Line Regulation
Load
Regulation
Ripple & Noise
(2)
Output Power Package Type
WMSAW205V-x
100~240 VAC
5 VDC
500mA
±1%
±5%
50mVp-p
2.5W
Vertical
WMSAW405V-x
5 VDC
800mA
±1%
±5%
50mVp-p
4W
WMSAW505V-x
5 VDC
1000mA
±1%
±5%
50mVp-p
5W
WMSAW605V-x
5 VDC
1200mA
±1%
±5%
50mVp-p
6W
WMSAW306V-x
6 VDC
500mA
±1%
±5%
50mVp-p
3W
WMSAW406V-x
6 VDC
800mA
±1%
±5%
50mVp-p
4.8W
WMSAW606V-x
6 VDC
1000mA
±1%
±5%
50mVp-p
6W
WMSAW675V-x
7.5 VDC
800mA
±1%
±5%
50mVp-p
6W
WMSAW409V-x
9 VDC
500mA
±1%
±5%
50mVp-p
4.5W
WMSAW509V-x
9 VDC
600mA
±1%
±5%
50mVp-p
5.4W
WMSAW612V-x
12 VDC
500mA
±1%
±5%
50mVp-p
6W
WMSAW205H-x
100~240 VAC
5 VDC
500mA
±1%
±5%
50mVp-p
2.5W
Horizontal
WMSAW405H-x
5 VDC
800mA
±1%
±5%
50mVp-p
4W
WMSAW505H-x
5 VDC
1000mA
±1%
±5%
50mVp-p
5W
WMSAW605H-x
5 VDC
1200mA
±1%
±5%
50mVp-p
6W
WMSAW306H-x
6 VDC
500mA
±1%
±5%
50mVp-p
3W
WMSAW406H-x
6 VDC
800mA
±1%
±5%
50mVp-p
4.8W
WMSAW606H-x
6 VDC
1000mA
±1%
±5%
50mVp-p
6W
WMSAW675H-x
7.5 VDC
800mA
±1%
±5%
50mVp-p
6W
WMSAW409H-x
9 VDC
500mA
±1%
±5%
50mVp-p
4.5W
WMSAW509H-x
9 VDC
600mA
±1%
±5%
50mVp-p
5.4W
WMSAW612H-x
12 VDC
500mA
±1%
±5%
50mVp-p
6W
NOTES
1.The “x” in the model number represents the type of plug: “U” for United States type, “K” for United Kingdom type, “E” for Europe type, “A” for
Australia type, “C” for China type, “J” for Japan type, and “KO” for Korea type.
2.Ripple and noise is measured at 20MHz limited bandwidth with 0.1µF ceramic and 10µF electrolytic capacitors across the output
3.Optional output connectors available. Please call factory for ordering details.


Similar Part No. - WMSAW6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMSAW605USBH-xy WALL-WMSAW605USBH-xy Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW605USBV-xy WALL-WMSAW605USBV-xy Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW606USBH-xy WALL-WMSAW606USBH-xy Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW606USBV-xy WALL-WMSAW606USBV-xy Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW612USBH-xy WALL-WMSAW612USBH-xy Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
More results

Similar Description - WMSAW6

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
logo
Wall Industries,Inc.
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
AC/DC Wall Mount Power Supplies
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
WMSAW6USB WALL-WMSAW6USB Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW14 WALL-WMSAW14 Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
WMSPU10 WALL-WMSPU10 Datasheet
231Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com