Electronic Components Datasheet Search
  English  ▼

X  

IXFN72N55Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN72N55Q2
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN72N55Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN72N55Q2 Datasheet HTML 1Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 2Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 3Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
550
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
5.0 V
I
GSS
V
GS = ±30 V, VDS = 0
±200 nA
I
DSS
V
DS = VDSS
T
J =
25
°C
100
µA
V
GS = 0 V
T
J = 125°C5 mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
72 m
Ω
Note 1
DS99030B(10/03)
HiPerFETTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, Low Intrinsic Rg
High dV/dt, Low t
rr
IXFN 72N55Q2
V
DSS
= 550 V
I
D25
= 72 A
R
DS(on)=
72 m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250 ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
550
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
550
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C72
A
I
DM
T
C = 25°C, pulse width limited by TJM
288
A
I
AR
T
C = 25°C72
A
E
AR
T
C = 25°C60
mJ
E
AS
T
C = 25°C
5.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
20
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
890
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS, t = 1 minute
2500
V
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
Features
•
Double metal process for low
gate resistance
•
miniBLOC, with Aluminium nitride
isolation
•
Unclamped Inductive Switching (UIS)
rated
•
Low package inductance
•
Fast intrinsic Rectifier
Applications
•
DC-DC converters
•
Switched-mode and resonant-mode
power supplies
•
DC choppers
•
Pulse generators
Advantages
•
Easy to mount
•
Space savings
•
High power density
Preliminary Data Sheet


Similar Part No. - IXFN72N55Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN70N120SK IXYS-IXFN70N120SK Datasheet
439Kb / 7P
Kelvin Source gate connection
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
HiPerFET Power MOSFET Q2-Class
logo
Inchange Semiconductor ...
IXFN70N60Q2 ISC-IXFN70N60Q2 Datasheet
892Kb / 3P
N-Channel MOSFET
logo
IXYS Corporation
IXFN73N30 IXYS-IXFN73N30 Datasheet
131Kb / 4P
HiPerFET Power MOSFETs
IXFN73N30Q IXYS-IXFN73N30Q Datasheet
98Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFN72N55Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
HiPerFET Power MOSFET
FMK75-01F IXYS-FMK75-01F Datasheet
72Kb / 2P
HiPerFET Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com