Electronic Components Datasheet Search
  English  ▼

X  

OM7828 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # OM7828
Description  BGA6130 medium power amplifier evaluation kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM7828 Datasheet(HTML) 1 Page - NXP Semiconductors

  OM7828 Datasheet HTML 1Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OM7828
BGA6130 medium power amplifier evaluation kit
Demo board description
The BGA6130 medium power amplifier kit simplifies the evaluation of the BGA6130 medium power amplifier. It contains two RF boards
matched to 50 Ohm for two Industrial, Scientific and Medical frequency bands: 434 MHz and 915 MHz. The boards operate at 3.6 V and
consume 70 mA. A spare printed-circuit board and SMA connectors are included. This can be used for implementing custom designed
matching circuitry for example designed using our device models included in this kit on a USB flash drive. The kit also provides BGA6130
samples for prototyping and product documentation.
Features
■ Out of the box evaluation of the fully populated RF board for ISM 434 MHz and ISM 915 MHz
■ Bread board for custom designs
■ Samples for prototyping
■ Device Models and S-parameters
Descriptive summary
Evaluation kit content
■ RF board matched for ISM 434 MHz
■ RF board matched for ISM 915 MHz
■ Unpopulated PCB
■ 2 SMA connectors
■ BGA6130 samples
■ USB flash drive containing: user manual, device models, Gerber files, datasheet, etc
Applications
Any up-to 1 W medium-power application operating at frequencies between 400 MHz to 2700 MHz, like:
■ Broadband CPE/MoCA
■ WLAN/ISM/RFID
■ Wireless Sensor Networks
■ Industrial Applications
■ Satellite Master Antenna TV (SMATV)
All information on this product information page is subject to the subsequent disclaimers:
■ General product disclaimer
■ Quality and reliability disclaimer
Products
Type number
Description
Status
Quick access
BGA6130
400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Documentation for this product
Filename
Type
Format
Title
Date
Demo boards
Type number
Ordering code(12NC)
Orderable part number
Products status
Region Distributor In stock Order quantity
Inventory date
Buy online
OM7828/BGA6130/KIT
9340 668 54598
Volume production
Support
English
5/18/2012


Similar Part No. - OM7828

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7805AIH IRF-OM7805AIH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM7805H IRF-OM7805H Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7805IH IRF-OM7805IH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
More results

Similar Description - OM7828

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK17 APEX-EK17 Datasheet
255Kb / 4P
EVALUATION KIT FOR SA12 PWM AMPLIFIER
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
logo
SiGe Semiconductor, Inc...
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com