Electronic Components Datasheet Search
  English  ▼

X  

PCF7941ATJ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF7941ATJ Datasheet HTML 1Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 2Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 3Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 4Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 5Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 6Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 7Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
5
CONFIDENTIAL
5
BLOCK DIAGRAM
The PCF7x41ATJ features a high degree of integration and
incorporates the chip, coil and capacitors assembled in a
leaded stick package, see Figure 2.
Package
 L/C Resonance Circuit
 Rectified LF Filed supply blocking capacitor
Contactless Interface
 Rectifier and Voltage Limiter
 Modulator
 Clock Recovery
 Demodulator
 LF Field Detection
Calculation Unit
 HT2 (48 bit) and HT3 (96 bit) Algorithm
Power Management
 Supply Switch Logic
 Wake Up Sense (Button I/O)
 Watchdog Timer
 Reset Logic
RISC Controller and Peripherals
 8 Bit RISC (MRK )
 ROM (Firmware)
 E-ROM (Application program)
 RAM
 EEPROM
 Interrupt Control
 Timers / Counters
 I/O Ports
 Programmable Voltage Comparator
 System Clock (including on-chip RC oscillator)
PCF7941ATJ (PCF7341ATJ)
V7941 (V7341)
Timer
Modulator
Interrupt
Control
RC
Oscillator
128 Byte
RAM
4 K
EROM (ROM)
Calculation
Unit
512 Byte
EEPROM
I/O
4 K
ROM
IN1
IN2
VFLD
Power Management
Resonance
circuit
VSS
fRES = 125 kHz (typ)
L
CVFLD
PCF7941ATJ (PCF7341ATJ)
V7941 (V7341)
Timer
Modulator
Interrupt
Control
RC
Oscillator
128 Byte
RAM
4 K
EROM (ROM)
Calculation
Unit
512 Byte
EEPROM
I/O
4 K
ROM
IN1
IN2
VFLD
Power Management
Resonance
circuit
VSS
fRES = 125 kHz (typ)
L
CVFLD
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com