Electronic Components Datasheet Search
  English  ▼

X  

SA676 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA676
Description  Low-voltage mixer FM IF system
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA676 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA676 Datasheet HTML 5Page - NXP Semiconductors SA676 Datasheet HTML 6Page - NXP Semiconductors SA676 Datasheet HTML 7Page - NXP Semiconductors SA676 Datasheet HTML 8Page - NXP Semiconductors SA676 Datasheet HTML 9Page - NXP Semiconductors SA676 Datasheet HTML 10Page - NXP Semiconductors SA676 Datasheet HTML 11Page - NXP Semiconductors SA676 Datasheet HTML 12Page - NXP Semiconductors SA676 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SA676
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 19 July 2012
9 of 22
NXP Semiconductors
SA676
Low-voltage mixer FM IF system
VCC =3V
Fig 7.
RSSI output voltage versus RF level
Fig 8.
Audio output voltage versus ambient temperature
RF level (dBm)
−125
−45
−85
−65
−105
002aag200
0.9
1.5
2.1
Vo(RSSI)
(V)
0.3
0.6
1.2
1.8
Tamb = +85 °C
+27 °C
−40 °C
Tamb (°C)
−55
125
5
002aag201
65
105
85
45
25
−15
−35
VCC = 7.0 V
5.0 V
3.0 V
2.7 V
100
200
300
Vo(aud)
(mV)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com