Electronic Components Datasheet Search
  English  ▼

X  

SCF5250VM120 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SCF5250VM120
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250VM120 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SCF5250VM120 Datasheet HTML 3Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 4Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 5Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 6Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 7Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 8Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 9Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 10Page - NXP Semiconductors SCF5250VM120 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
7
1.2.22
JTAG
To help with system diagnostics and manufacturing testing, the SCF5250 includes dedicated
user-accessible test logic that complies with the IEEE 1149.1A standard for boundary scan testability,
often referred to as Joint Test Action Group, or JTAG. For more information, refer to the IEEE 1149.1A
standard. Freescale provides BSDL files for JTAG testing.
1.2.23
System Debug Interface
The ColdFire processor core debug interface supports real-time instruction trace and debug, plus
background-debug mode. A background-debug mode (BDM) interface provides system debug.
In real-time instruction trace, four status lines provide information on processor activity in real time (PST
pins). A four-bit wide debug data bus (DDATA) displays operand data and change-of-flow addresses,
which helps track the machine’s dynamic execution path.
1.2.24
Crystal and On-Chip PLL
Typically, an external 16.92 MHz or 33.86 MHz clock input is used for CD R/W applications, while an
11.2896 MHz clock is more practical for Portable CD player applications. However, the on-chip
programmable PLL, which generates the processor clock, allows the use of almost any low frequency
external clock (5-35 MHz).
Two clock outputs (MCLK1 and MCLK2) are provided for use as Audio Master Clock. The output
frequencies of both outputs are programmable to Fxtal, Fxtal/2, Fxtal/3, and Fxtal/4. The Fxtal/3 option is
only available when the 33.86 MHz crystal is connected.
The SCF5250 supports VCO operation of the oscillator by means of a 16-bit pulse density modulation
output. Using this mode, it is possible to lock the oscillator to the frequency of an incoming IEC958 or IIS
signal. The maximum trim depends on the type and design of the oscillator. Typically a trim of +/- 100 ppm
can be achieved with a crystal oscillator and over +/- 1000 ppm with an LC oscillator.
1.2.25
Boot ROM
The boot ROM on the SCF5250 serves to boot the CPU in designs which do not have external Flash
memory or ROM. Typically this occurs in systems which have a separate MCU to control the system,
and/or the SCF5250 is used as a stand-alone decoder.
The SCF5250 can be booted in one of three modes:
•
External ROM
•
Internal ROM Master mode – boots from I2C, SPI, or IDE
•
Internal ROM Slave mode – boots from I2C or UART
1.2.26
Voltage Regulator
The SCF5250 contains an on-chip linear regulator that generates 1.2V from a 3.3V input. The regulator is
self-contained and drives the 1.2V core voltage out on one pin that can be used to power the core supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com