| Electronic Components Datasheet Search |
|
SSL5021BTS Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL5021BTS Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 20 page ![]() SSL5021BTS All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 2 — 11 March 2015 8 of 20 NXP Semiconductors SSL5021BTS Compact low-ripple buck LED driver IC The sense circuit is activated after the leading-edge blanking time (tleb). Because the LED current is half the peak current by design, the sense circuit automatically provides protection for the maximum LED current during operation. A propagation delay exists between the overcurrent detection and the actual switch switch-off. Due to this delay, the actual peak current is slightly higher than the OCP level set by the resistor connected in series with the ISNS pin. 8.6.3 OverTemperature Protection (OTP) The converter stops switching when the internal OTP function is triggered at the IC junction temperature Tpl(IC). The safe-restart protection is triggered and the IC resumes switching when the IC temperature drops to below Trst(IC). 8.6.4 Cycle-by-cycle maximum on-time protection Measuring the inductor current IL using sense resistor R4 regulates the on-time. The on-time is limited to a fixed value (ton(max)). It protects the system and the IC when the ISNS pin is shorted or when the system works at very low mains voltage. 8.6.5 Output OverVoltage Protection (OVP) An accurate output OVP is implemented by measuring the voltage at the DEMOVP pin during the secondary stroke. The resistive divider connected between the LEDP node and the DEMOVP pin sets the maximum LED voltage. An internal counter prevents false OVP detection because of noise on the DEMOVP pin. After three continuous cycles with a DEMOVP pin voltage above the OVP level, the OVP protection is triggered. The over voltage protection triggers a restart sequence: A discharge current (ICC(dch)) is enabled and discharges the voltage on the VCC pin to below Vrst(latch). When Vrst(latch) is reached, the system restarts. 8.6.6 Output Short Protection (OSP) The converter operates in Discontinuous Conduction Mode (DCM). A new cycle is only started after the previous cycle has ended. The end of the cycle is detected by measuring the voltage on the DEMOVP pin. When the DEMOVP pin voltage drops to below the demagnetization level (Vth(comp)DEMOVP) and a valley is detected, a new cycle starts. When output is shorted, the demagnetization is not finalized within the 40 s. The converter still regulates the adjusted output current and the on-time is reduced to a safe value by this feedback. The reduced on-time in combination with very long demagnetization time prevents that the converter is damaged or excessive dissipation occurs. A blanking time (tsup(xfmr_ring)) is implemented at the start of the secondary stroke to prevent false demagnetization detection. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |