Electronic Components Datasheet Search
  English  ▼

X  

L6668TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6668TR
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6668TR Datasheet HTML 3Page - STMicroelectronics L6668TR Datasheet HTML 4Page - STMicroelectronics L6668TR Datasheet HTML 5Page - STMicroelectronics L6668TR Datasheet HTML 6Page - STMicroelectronics L6668TR Datasheet HTML 7Page - STMicroelectronics L6668TR Datasheet HTML 8Page - STMicroelectronics L6668TR Datasheet HTML 9Page - STMicroelectronics L6668TR Datasheet HTML 10Page - STMicroelectronics L6668TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
L6668
3
Typical Electrical Performance
Figure 5. High-voltage generator ON-state sink
current vs. Tj
Figure 6. High-voltage generator output (Vcc
charge current) vs. Tj
Figure 7. High-voltage pin leakage vs. Tj
Figure 8. High-voltage generator start voltage
vs. Tj
Figure 9. High-voltage generator Vcc restart
voltage vs. Tj
Figure 10. IC consumption vs. Tj
-50
0
50
100
150
0.2
0.4
0.6
0.8
1
1.2
IHV (pin 1)
[mA]
Vcc
≥ 3V
VHV = 100 V
Tj (°C)
Vcc = 0
-50
0
50
100
150
80%
90%
100%
110%
120%
Icc (pin 5)
Tj (°C)
VHV = 100 V
Values normalized to Icc @ 25°C
-50
0
50
100
150
0
10
20
30
40
IHV (pin 1)
[µA]
VHV = 400 V
Vcc = 15V
Tj (°C)
-50
0
50
100
150
80%
90%
100%
110%
120%
HV
Tj (°C)
Values normalized to VHV @ 25°C
-50
0
50
100
150
4
6
8
10
12
14
Vcc (pin 5)
[V]
VHV = 100 V
Tj (°C)
while
latched off
normal
operation
-50
0
50
100
150
0.1
0.2
0.3
0.5
1
2
3
5
Icc (pin 5)
[mA]
Operating
Quiescent
Disabled or
during burst-mode
Before start-up (Vcc=12V)
Vcc = 15 V
Co = 1 nF
f = 100 kHz
Tj (°C)
Latched off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com