Electronic Components Datasheet Search
  English  ▼

X  

APL6002 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL6002
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL6002 Datasheet HTML 1Page - Anpec Electronics Coropration APL6002 Datasheet HTML 2Page - Anpec Electronics Coropration APL6002 Datasheet HTML 3Page - Anpec Electronics Coropration APL6002 Datasheet HTML 4Page - Anpec Electronics Coropration APL6002 Datasheet HTML 5Page - Anpec Electronics Coropration APL6002 Datasheet HTML 6Page - Anpec Electronics Coropration APL6002 Datasheet HTML 7Page - Anpec Electronics Coropration APL6002 Datasheet HTML 8Page - Anpec Electronics Coropration APL6002 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Low-Power, 8-bit, 3-Channel Analog to Digital Converters
The APL6002 is a precision analog-to-digital converters
(ADCs) with 8 bits of resolution, which designed with
precision, low power and ease of implementation in mind.
Data are transferred via an I2C-compatible serial interface.
Three voltage sensing inputs are available for monitor-
ing the temperature of the system. It measures voltage
form the monitor place to GND by NTC resistor divider
voltages. The sensed voltages are digitized and inter-
faced with microprocessor by I2C bus for advanced power
management procedures.
The APL6002 operates from a single power supply rang-
ing from 2.8V to 5.5V.
This APL6002 is available in SOT23-8 package.
General Description
Pin Configurations
Simplified Application Circuit
Features
•
Supply Input Voltages Range: 2.8V to 5.5V
•
100uA Low Supply Current
•
3-Ch Analog Voltage Input: AIN1, AIN2, AIN3
•
High Accuracy Nonlinearity: +1.5LSB
•
High Accuracy A/D Resolution: 10mV
•
High Accuracy A/D Full Scale Range: 1~3.56V
•
Built-in Alert Flag Functions
•
Built-in I2C Address Programming Functions
•
I2C interface with 8-bit AD converter
•
SOT23-8 with Lead Free & RoHS compliant
Applications
•
Phone & NB Application
•
Temperature Measurement
•
Portable Instrumentation
•
Consumer Goods
Alert/ADDR
8
7
6
5
1
2
3
4
AIN3
AIN2
AIN1
SDA
SCL
GND
VDD
APL6002
SOT-23-8
(Top View)
APL6002
Alert/ADDR
VDD
VDD
GND
SCL
SDA
AIN1
AIN2
AIN3
VIN
APL6002
Alert/ADDR
VDD
VDD
GND
SCL
SDA
AIN1
AIN2
AIN3
VIN


Similar Part No. - APL6002

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
Low-Power, 8-bit, 3-Channel Analog to Digital Converters
APL6001QFI-TRG ANPEC-APL6001QFI-TRG Datasheet
362Kb / 17P
Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results

Similar Description - APL6002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
8-Bit Digital-to-Analog Converters
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
8-bit digital-to-analog converters
June 1994
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
Low-Power, 8-bit, 3-Channel Analog to Digital Converters
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
Low-Power, 8-bit Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com