Electronic Components Datasheet Search
  English  ▼

X  

LM9704SL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9704SL
Description  Real Time Digital Image Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9704SL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9704SL Datasheet HTML 1Page - National Semiconductor (TI) LM9704SL Datasheet HTML 2Page - National Semiconductor (TI) LM9704SL Datasheet HTML 3Page - National Semiconductor (TI) LM9704SL Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002 National Semiconductor Corporation
www.national.com
October 2002
LM9704 Real Time Digital Image Processor
General Description
The LM9704 contains all functions needed to build an SXGA or
VGA digital still and video camera. It incorporates a 16 bit RISC
microprocessor, a flexible image processing pipeline, hardware
JPEG compression, and the required peripheral modules in a
single IC. This architecture allows a very fast click-to-click time
and full resolution video without sacrificing image quality or cost;
because the computation extensive operations are processed by
circuitry dedicated to image processing. The highly optimized
memory management provided by the LM9704 keeps the mem-
ory cost of the complete camera to a minimum.
A chip set comprising of the LM9704 and a National SXGA or
VGA CMOS image sensor complemented by a lens, battery,
compact flash, power management for the battery, and LCD
(optional) yields a complete high performance cost effective digi-
tal still and/or video camera.
Features
!
Embedded 16 bit RISC processor system
- Up to 16M-bytes of external memory addressing space
- 32K-bytes Internal RAM
- 6 channel DMA
- 8 channel versatile timer
- Interrupt controller
- 16 input wake up module
- Full duplex USART
-
µwire/SPI serial port
- 16 general purpose IOs (GPIO)
!
Glueless CMOS image sensor interface
!
ACCESS.bus serial interface for imager sensor control
!
Integrated USB v1.1 for connection to PC
!
Raw Image Data Processor
- Defective pixel correction
- Digital gain and brightness adjustment
- Raw data statistics measurement engine
!
Color Image processing
- Bayer to RGB Interpolation
- Fully programmable color correction
- Image sharpening
- Programmable gamma correction
- Thumbnail generation
- RGB to YCrCb conversion
- Digital gain
!
Hardware JPEG Compression for both video and snapshot.
!
System management
- Internal Clock generation from 12MHz Crystal
- Power management
- Reset generation
!
JTAG based serial on-chip debug interface
Applications
!
PC Cameras
!
Dual Mode Cameras
!
Digital Still Cameras
!
Clip-on Cameras for PDA’s, Cell Phones, etc.
!
Embedded Cameras for PDA’s, Cell Phones, etc.
!
Industrial Cameras
Key Specifications
Array Formats
CIF, VGA, SXGA
Input Color Format
Bayer Pattern
Digital Image Processor
10 bit (12 bit internal)
Compression
-Format
-Ratio
Base Line JPEG
Programmable
Video In Frame Rate
up to 15MHz pixel clock
Video Outputs
-USART
-USB
up to 921.6K-bits per second
960K-byte/s
External CR16C Memory
- Memory Type
- Address Space
- Speed
SRAM, Flash, Compact Flash,
EEPROM
up to 16 Mbyte
up to 36MHz
Serial Interfaces
- ACCESS.bus
-
µwire/SPI
up to 400KHz
up to 6.0 MHz
16 bit RISC Processor
-MIPS
- Internal Memory
up to 36
32K-bytes
Clock Speed
up to 60 Mhz from 12MHz Crystal
Power Supply
-Core
-IO
2.25 to 2.75 Volt
2.7 to 3.6 Volt
Average Power Dissipation
95mW
Package
128 Pin Laminated CSP
Operating temperature
-10
oC to +85oC
System Block Diagram
LM9704
CMOS Sensor
Module
Flash
or
RAM
USART
USB


Similar Part No. - LM9704SL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9701 NSC-LM9701 Datasheet
77Kb / 5P
Digital Image Processor w/ Integrated Pre-processor
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
LM9702 Real Time Digital Image Processor
LM9702SL NSC-LM9702SL Datasheet
74Kb / 4P
LM9702 Real Time Digital Image Processor
More results

Similar Description - LM9704SL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
LM9702 Real Time Digital Image Processor
logo
Panasonic Semiconductor
MN195902 PANASONIC-MN195902 Datasheet
49Kb / 7P
Digital Signal Processor for Image CODEC
logo
Samsung semiconductor
KS7333 SAMSUNG-KS7333 Datasheet
284Kb / 44P
Digital Image Stabilization and Digital Zoom Processor
logo
National Semiconductor ...
LM9701 NSC-LM9701 Datasheet
77Kb / 5P
Digital Image Processor w/ Integrated Pre-processor
logo
Hamamatsu Corporation
C7942CA-02 HAMAMATSU-C7942CA-02 Datasheet
137Kb / 6P
Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
C7942CK-12 HAMAMATSU-C7942CK-12 Datasheet
138Kb / 6P
Acquire digital X-ray image in real time and 170 mm diagonal size
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
Real Time Video Processor ICs
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
Real Time Video Processor IC
logo
National Instruments Co...
CVS-1454 NI-CVS-1454 Datasheet
442Kb / 5P
Real-time FireWire image acquisition,analysis, and storage
logo
Maxim Integrated Produc...
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com