Electronic Components Datasheet Search
  English  ▼

X  

APW7703A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7703A
Description  2.4MHz PMIC for Battery Powered System with I2C Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7703A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7703A Datasheet HTML 1Page - Anpec Electronics Coropration APW7703A Datasheet HTML 2Page - Anpec Electronics Coropration APW7703A Datasheet HTML 3Page - Anpec Electronics Coropration APW7703A Datasheet HTML 4Page - Anpec Electronics Coropration APW7703A Datasheet HTML 5Page - Anpec Electronics Coropration APW7703A Datasheet HTML 6Page - Anpec Electronics Coropration APW7703A Datasheet HTML 7Page - Anpec Electronics Coropration APW7703A Datasheet HTML 8Page - Anpec Electronics Coropration APW7703A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2018
www.anpec.com.tw
4
APW7703A
Recommended Operating Conditions (Note 3)
S ymbol
Pa ram eter
Ra nge
Unit
V VBUS
US B/Ada pter Inp ut Voltage
3.9~5.5
V
VVBAT
Battery Voltage
2.7~4.4
V
V DC1
Buck1 Output Vo lta ge
0.6~1.5
V
IDC1
Buck1Ou tp ut Curre nt
~2.5
A
V DC2
Buck2 Output Vo lta ge
0.6~3.3
V
I
DC2
Buck2 Output Cu rrent
~1.5
A
V DC3
Buck3 Output Vo lta ge
0.6~3.3
V
IDC3
Buck3 Output Cu rrent
~1
A
V DC4
Buck4 Output Vo lta ge
0.6~3.3
V
IDC4
Buck4 Output Cu rrent
~1.5
A
V RTCLDO
RTCLDO Ou tp ut Voltage
1.5 ~ 3.05
V
IRTCLDO
RTCLDO Ou tp ut Curre nt
~1 0
mA
V
LD O1
LDO1 Ou tp ut Voltage
0.6~3.3
V
ILDO1
LDO1 Ou tp ut Curren t
~150
mA
VLDO2
LDO2 Ou tp ut Voltage
1.5~3.3
V
ILDO2
LDO2 Ou tp ut Curren t
~300
mA
TA
Ambie nt Tempera tur e
- 40 ~ 85
o C
TJ
Ju nctio n Temp erature
-40 ~ 1 25
o
C
Note 3 : Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com