Electronic Components Datasheet Search
  English  ▼

X  

M41T62 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 6Page - STMicroelectronics M41T62 Datasheet HTML 7Page - STMicroelectronics M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics M41T62 Datasheet HTML 10Page - STMicroelectronics M41T62 Datasheet HTML 11Page - STMicroelectronics M41T62 Datasheet HTML 12Page - STMicroelectronics M41T62 Datasheet HTML 13Page - STMicroelectronics M41T62 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
M41T62/63/64/65
10/33
READ Mode
In this mode the master reads the M41T6x slave
after setting the slave address (see Figure
19., page 11). Following the WRITE Mode Control
Bit (R/W=0) and the Acknowledge Bit, the word
address 'An' is written to the on-chip address
pointer. Next the START condition and slave ad-
dress are repeated followed by the READ Mode
Control Bit (R/W=1). At this point the master trans-
mitter becomes the master receiver. The data byte
which was addressed will be transmitted and the
master receiver will send an Acknowledge Bit to
the slave transmitter. The address pointer is only
incremented on reception of an Acknowledge
Clock. The M41T6x slave transmitter will now
place the data byte at address An+1 on the bus,
the master receiver reads and acknowledges the
new byte and the address pointer is incremented
to “An+2.”
This cycle of reading consecutive addresses will
continue until the master receiver sends a STOP
condition to the slave transmitter.
The system-to-user transfer of clock data will be
halted whenever the address being read is a clock
address (00h to 07h). The update will resume due
to a Stop Condition or when the pointer increments
to any non-clock address (08h-0Fh).
Note: This is true both in READ Mode and WRITE
Mode.
An alternate READ Mode may also be implement-
ed whereby the master reads the M41T6x slave
without first writing to the (volatile) address point-
er. The first address that is read is the last one
stored in the pointer (see Figure 20., page 11).
Figure 18. Slave Address Location
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com