Electronic Components Datasheet Search
  English  ▼

X  

DF9 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF9
Description  1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9 Datasheet(HTML) 6 Page - Hirose Electric

  DF9 Datasheet HTML 1Page - Hirose Electric DF9 Datasheet HTML 2Page - Hirose Electric DF9 Datasheet HTML 3Page - Hirose Electric DF9 Datasheet HTML 4Page - Hirose Electric DF9 Datasheet HTML 5Page - Hirose Electric DF9 Datasheet HTML 6Page - Hirose Electric DF9 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A140
DF9 Series
●1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
Unit:mm
BRecommended PCB mounting pattern
BEmbossed Carrier Tape Dimensions
BApplication Pattern
D±0.5
(D+4)±1
●With metal fitting, with boss
●Without metal fitting, with boss
●Metal fitting, without boss
Note 1 :
If the pattern is included in the shaded area and not treated with resist, it could touch the connector contact .
Note 2 : Please refer to each product size pattern for the universal size on the above patterns (A, B, C, D...).
Note 1 : The board to board size 4.3mm in the pattern does not include the soldering paste thickness.
Board
Board
Unreeling direction
Product Type
Size
No. of Contacts
A
B
C
D
E
9 to 21
24
――――――
11.5
25.5
12
DF9#-*S/P-1V
23 to 31
32
28.4
14.2
33.5
12
41, 51
44
40.4
20.2
45.5
12
Note 1 : The pocket design may vary.
Note 2 : The hole of the carrier tape will be only one side if A is less than 32mm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com