Electronic Components Datasheet Search
  English  ▼

X  

DM3 Datasheet(PDF) 10 Page - Hirose Electric

Part # DM3
Description  microSD??Card Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM3 Datasheet(HTML) 10 Page - Hirose Electric

Back Button DM3 Datasheet HTML 4Page - Hirose Electric DM3 Datasheet HTML 5Page - Hirose Electric DM3 Datasheet HTML 6Page - Hirose Electric DM3 Datasheet HTML 7Page - Hirose Electric DM3 Datasheet HTML 8Page - Hirose Electric DM3 Datasheet HTML 9Page - Hirose Electric DM3 Datasheet HTML 10Page - Hirose Electric DM3 Datasheet HTML 11Page - Hirose Electric DM3 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DM3 Series
●microSD™ Card Connectors
10
Lead section (400mm min.)
Mounting section
End section
Top cover tape
Blank section
(100mm min.)
Embossed carrier tape
Blank section
(160mm min.)
24.4
Unreeling direction
BPackaging Specifications
Unreeling direction
2
16
P= 4
● Embossed carrier tape dimensions (2,000 pcs/reel)
● Reel Dimensions
All dimensions : mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com