Electronic Components Datasheet Search
  English  ▼

X  

M3765 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M3765
Description  HORN/SIREN WITH SOFT CHIRP 6 ALARM SOUNDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M3765 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M3765 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3765 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HORN/SIREN
警報喇叭專用
WITH SOFT CHIRP
附唧聲
6 ALARM SOUNDS
6 種警報聲 IC
2/2
2005-01-11
SIREN
M3765/M3766
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
HORN
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
945
882
100Ω
VDD1
VDD
K2
K1
M3766P
VSS
K3
K4
K6
K5
BB
X
Rz
Rosc
LO
Y
Z
POR
BZ
1
16
8
9
VDD
600Ω
VDD1
772
772
945
945
882
882
100Ω
100Ω
BUZZER
VDD
K2
K1
M3766P
VSS
K3
K4
K6
K5
BB
X
Rz
Rosc
LO
Y
Z
POR
BZ
1
16
8
9
VDD
600Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com