Electronic Components Datasheet Search
  English  ▼

X  

M5243BFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M5243BFP
Description  3-element 2-ch Graphic Equalizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5243BFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M5243BFP Datasheet HTML 1Page - Renesas Technology Corp M5243BFP Datasheet HTML 2Page - Renesas Technology Corp M5243BFP Datasheet HTML 3Page - Renesas Technology Corp M5243BFP Datasheet HTML 4Page - Renesas Technology Corp M5243BFP Datasheet HTML 5Page - Renesas Technology Corp M5243BFP Datasheet HTML 6Page - Renesas Technology Corp M5243BFP Datasheet HTML 7Page - Renesas Technology Corp M5243BFP Datasheet HTML 8Page - Renesas Technology Corp M5243BFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.1.0, Sep.22.2003, page 1 of 10
M5243BFP
3-element 2-ch Graphic Equalizer IC
REJ03F0082-0100Z
Rev.1.0
Sep.22.2003
Description
This 2-ch, 3-element graphic equalizer IC is ideal for Hi-Fi audio devices, and features three transistor-type resonance
circuits and an output operating amp that handles two channels built into it. It is designed for use in radio cassette
players, car stereos, portable stereos and other devices.
Features
• Two-channel (stereo) processing is possible with single IC.
• An internal reference voltage circuit eliminates the need for a large-volume capacitor and makes it possible to use
fewer components.
• The Gv can be varied using an external resistor.
• Low noise........................... V
NO FLAT = 4
µV
rms (standard)
• Low distortion .................... THD = 0.004% (standard)
(@f = 1 kHz, FLAT)
Recommended Operating Conditions
Rated power dissipation : 550 mW (FP)
System Configuration


Similar Part No. - M5243BFP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M5243 HEYCO-M5243 Datasheet
199Kb / 1P
Heyco®-Tite Cast Aluminum Liquid Tight Cordgrips
More results

Similar Description - M5243BFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62431FP MITSUBISHI-M62431FP Datasheet
92Kb / 7P
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
logo
Panasonic Semiconductor
AN7337N PANASONIC-AN7337N Datasheet
52Kb / 4P
7-Element Graphic Equalizer IC for Hi-Fi
AN7337NS PANASONIC-AN7337NS Datasheet
39Kb / 3P
7-element graphic equalizer IC for Hi-Fi audio equipment
logo
Sanyo Semicon Device
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
Graphic Equalizer System
logo
Sony Corporation
CXA1352AS SONY-CXA1352AS Datasheet
216Kb / 17P
2-channel 5 Elements Graphic Equalizer IC
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
2-CHANNEL GRAPHIC EQUALIZER
logo
Mitsubishi Electric Sem...
M5226P MITSUBISHI-M5226P Datasheet
439Kb / 8P
5-ELEMENT GRAPHIC EQUALIZER IC
logo
Panasonic Semiconductor
AN7333S PANASONIC-AN7333S Datasheet
96Kb / 7P
4-Element Graphic Equalizer IC for Radio/Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com