Electronic Components Datasheet Search
  English  ▼

X  

GT13 Datasheet(PDF) 2 Page - Hirose Electric

Part # GT13
Description  Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT13 Datasheet(HTML) 2 Page - Hirose Electric

  GT13 Datasheet HTML 1Page - Hirose Electric GT13 Datasheet HTML 2Page - Hirose Electric GT13 Datasheet HTML 3Page - Hirose Electric GT13 Datasheet HTML 4Page - Hirose Electric GT13 Datasheet HTML 5Page - Hirose Electric GT13 Datasheet HTML 6Page - Hirose Electric GT13 Datasheet HTML 7Page - Hirose Electric GT13 Datasheet HTML 8Page - Hirose Electric GT13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
30
GT13 Series ● For Antenna
24.8
19.3
5.5
11
24
18.5
5.5
5.5
10.2
F Terminals
M Terminals
Part No.
HRS No.
Material
/Plating or Color
Conductor Size
(AWG)
Inner Insulation
Diameter
Outer Diameter Packaging RoHS
GT13-2428/1.6-2.9SCF(70) 763-0001-3 70
Insulator
:PBT/Dark Gray
Center terminal
:Copper alloy
/Tin plating
Outer terminal
:Copper alloy
/Tin plating
24 to 28 AWG
Ø1.5 to 2.0
Ø2.7 to 3.4 3,000 pcs
/reel
YES
GT13-30/1.6-2.9SCF(70)
763-0012-0 70
30 AWG
GT13-2428/1.6-2.5SCF(70) 763-0042-0 70
24 to 28 AWG
Ø2.3 to 2.7
GT13-2428/F4-5SCF(70)
763-0051-1 70
Ø3.0 to 3.6 Ø4.6 to 5.0
2,200 pcs
/reel
GT13-30/F4-5SCF(70)
763-0067-1 70
30 AWG
GT13-30/F3.3-3.8SCF(70)
763-0052-4 70
Ø2.5 to 2.9 Ø3.6 to 4.0
GT13-2022/F4-5SCF(70)
763-0068-4 70
20 to 22 AWG
Ø3.0 to 3.6 Ø4.6 to 5.0
Part No.
HRS No.
Material
/Plating or Color
Conductor Size
(AWG)
Inner Insulation
Diameter
Outer
Diameter
Packaging RoHS
GT13-2428/1.6-2.9PCF(70)
763-0002-6 70
Insulator
:PBT/Dark Gray
Center terminal
:Copper alloy
/Tin plating
Outer terminal
:Copper alloy
/Tin plating
24 to 28 AWG
Ø1.5 to 2.0
Ø2.7 to 3.4 4,000 pcs
/reel
YES
GT13-30/1.6-2.9PCF(70)
763-0041-8 70
30 AWG
GT13-2428/1.6-2.5PCF(70)
763-0069-7 70
24 to 28 AWG
Ø2.3 to 2.7
GT13-2428/F4-5PCF(70)
763-0054-0 70
Ø3.0 to 3.6 Ø4.6 to 5.0
2,200 pcs
/reel
GT13-30/F4-5PCF(70)
763-0066-9 70
30 AWG
GT13-30/F3.3-3.8PCF(70)
763-0053-7 70
Ø2.5 to 2.9 Ø3.6 to 4.0
GT13-2428/F3.3-3.8PCF(70) 763-0079-0 70
24 to 28 AWG
GT13-2022/F4-5PCF(70)
763-0070-6 70
20 to 22 AWG
Ø3.0 to 3.6 Ø4.6 to 5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com