Electronic Components Datasheet Search
  English  ▼

X  

MBR180 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # MBR180
Description  SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 70, 80, 90,100 VOLTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

MBR180 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  MBR180 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MBR180

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR180 PANJIT-MBR180 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR180 DIGITRON-MBR180 Datasheet
438Kb / 2P
1A SCHOTTKY RECTIFIERS
logo
Zibo Seno Electronic En...
MBR180 ZSELEC-MBR180 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
logo
AiT Semiconductor Inc.
MBR180E AITSEMI-MBR180E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Guangdong Kexin Industr...
MBR180F KEXIN-MBR180F Datasheet
693Kb / 2P
Schottky Diodes
More results

Similar Description - MBR180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Chenmko Enterprise Co. ...
CH601G-70PT CHENMKO-CH601G-70PT Datasheet
152Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
CH601H-70APT CHENMKO-CH601H-70APT Datasheet
102Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
CH601H-70PT CHENMKO-CH601H-70PT Datasheet
67Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 70 Volts CURRENT 0.1 Ampere
logo
Micro Commercial Compon...
BAS70WT MCC-BAS70WT Datasheet
186Kb / 2P
200mW Schottky Barrier Rectifiers 70 Volts
logo
Yea Shin Technology Co....
SB120 YEASHIN-SB120 Datasheet
515Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SB170 GOOD-ARK-SB170_15 Datasheet
152Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 1.0 Ampere
logo
Micro Commercial Compon...
BAS70WT_1309 MCC-BAS70WT_1309 Datasheet
263Kb / 2P
200mW Schottky 70 Volts Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com