Electronic Components Datasheet Search
  English  ▼

X  

HT104/DF7-2022 Datasheet(PDF) 14 Page - Hirose Electric

Part # HT104/DF7-2022
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT104/DF7-2022 Datasheet(HTML) 14 Page - Hirose Electric

Back Button HT104/DF7-2022 Datasheet HTML 7Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 8Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 9Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 10Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 11Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 12Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 13Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 14Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 15Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
B108
q Socket to In-line Plug (Panel mount type) Connection
q Socket to In-line Plug Connection
DF7_
*EP_3.96C
DF7_
*S_3.96C
DF7_
*RS/P_3.96
E
D
DF7A_
*EP_3.96C
DF7_
*S_3.96C
DF7_
*RS/P_3.96
G
F
1 pos.
35.1
37.0
34.0
32.1
2 to 12 pos.
D
E
1 pos.
35.1
37.0
34.0
32.1
2 to 12 pos.
F
G
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com