Electronic Components Datasheet Search
  English  ▼

X  

MAX7450ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7450ESA
Description  Video-Signal Conditioners with AGC and Back-Porch Clamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7450ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7450ESA Datasheet HTML 1Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 2Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 3Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 4Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 5Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 6Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 7Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 8Page - Maxim Integrated Products MAX7450ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Video-Signal Conditioners with AGC and
Back-Porch Clamp
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VSUPPLY = ±5V ±5% (MAX7450), VSUPPLY = ±3.3V ±5% (MAX7451), VSUPPLY = +5V ±5% (MAX7452), RL=150
Ω to GND, CL = 0 to
20pF, GSET = 1, AGCD = 1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND
MAX7450/MAX7452...........................................................+6V
MAX7451 ...........................................................................+4V
VSS to GND
MAX7450.............................................................................-6V
MAX7451.............................................................................-4V
OUT
MAX7450/MAX7451 ..........................................-2.5V to +3.5V
MAX7452 ................................................-0.3V to (VCC + 0.3V)
GSET, AGCD, LOS .....................................-0.3V to (VCC + 0.3V)
All Other Pins
MAX7450/MAX7451...................(-0.3V + VSS) to (VCC + 0.3V)
MAX7452 ................................................-0.3V to (VCC + 0.3V)
Maximum Current into Any Pin ............……………………±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 18.9mW/°C above +70°C)..............1509mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead temperature (soldering, 10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX7450/MAX7451, relative to GND
±50
Clamp Accuracy
MAX7452, relative VBPLVL = 1.5V
±50
mV
GSET = 0
1.5
2.4
Back-Porch Level Input Range
VBPLVL
MAX7452
GSET = 1
1.2
2.0
V
Clamp Response Time
tCLAMP
Blanking level at the output to 1% of final
value
70
Lines
GSET = 0, relative
to VOUT = 1VP-P
±10
AGC Accuracy
AGCD = 0,
VIN = 0.5VP-P to 2VP-P
GSET = 1, relative
to VOUT = 2VP-P
±10
%
AGC Input Range
AGCD = 0, relative to VIN = 1VP-P
-6.0
+6.0
dB
Gain Flatness
GF
f = 5MHz relative to 100kHz
-0.3
+0.3
dB
Noise-Filter Cutoff
Fc
10
MHz
GSET = 0
0.95
1
1.05
Low-Frequency Gain
f = 100kHz
GSET = 1
1.85
2
2.05
V/V
Group-Delay Deviation
∆tG
3.58/4.43MHz relative to 100kHz
15
ns
Differential Gain
dG
Five-step modulated staircase (VIN = 1VP-P)
0.2
0.6
%
Differential Phase
d
θ
Five-step modulated staircase (VIN = 1VP-P)
0.2
0.6
Degrees



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com