Electronic Components Datasheet Search
  English  ▼

X  

REF3433-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3433-Q1
Description  Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3433-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  REF3433-Q1 Datasheet HTML 1Page - Texas Instruments REF3433-Q1 Datasheet HTML 2Page - Texas Instruments REF3433-Q1 Datasheet HTML 3Page - Texas Instruments REF3433-Q1 Datasheet HTML 4Page - Texas Instruments REF3433-Q1 Datasheet HTML 5Page - Texas Instruments REF3433-Q1 Datasheet HTML 6Page - Texas Instruments REF3433-Q1 Datasheet HTML 7Page - Texas Instruments REF3433-Q1 Datasheet HTML 8Page - Texas Instruments REF3433-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Load Current (mA)
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
-10
-5
5
10
0
+25°C
-40°C
+125°C
drop
REF3425-Q1
OUT
2.5V VREF
IN
GND
ADS7828-Q1
AIN0
AIN1
VREF+
VREF-
VDD
3V VDD
AIN2
AIN3
TDA2 (MCU)
I2C
3.3V VDD
I2C
GPIOx
VDD
Copyright © 2017, Texas Instruments Incorporated
EN
GPIO0
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1
SBAS901 – JULY 2018
REF34xx-Q1 Low-Drift, Low-Power, Small-Footprint Series
Voltage References
1
1 Features
1
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
•
Initial Accuracy: ±0.05% (Maximum)
•
Temperature Coefficient : 6 ppm/°C (Maximum)
•
Operating Temperature Range:
−40°C to +125°C
•
Output Current: ±10 mA
•
Low Quiescent Current: 95 μA (maximum)
•
Low Shutdown Mode Current: 3 μA (maximum)
•
Wide Input Voltage: 12 V
•
Output 1/f Noise (0.1 Hz to 10 Hz): 3.8 µVPP/V
•
Excellent Long-Term Stability 25 ppm/1000 hrs
•
Small Footprint 6-Pin SOT-23 Package
2 Applications
•
Body Control Modules
•
On Board Chargers
•
Traction Inverters
•
Battery Management Systems
•
Advanced Driver Assistance Systems
3 Description
The REF34xx-Q1 devices are low-temperature-drift
(6 ppm/°C), low-power, high-precision CMOS voltage
references. The devices have ±0.05% initial accuracy
and low operating current with power consumption
less than 95 μA. These devices also offer very low
output noise of 3.8 µVPP/V, which enable the devices
to maintain high signal integrity with high-resolution
data converters and noise critical systems.
Stability and system reliability are further improved by
the low output-voltage hysteresis of these devices
and low long-term output voltage drift. Furthermore,
the small size and low operating current of the
devices (95 μA) make them an excellent choise for
battery-powered
applications.
The
REF34xx-Q1
features an enable pin that can set the device into
shutdown where it consumes a low stand by current
(3 μA) to help with overall system power during
standby.
The REF34xx-Q1 family is specified for the wide
temperature range of
−40°C to +125°C. Contact the
TI sales representative for additional voltage options.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF3450-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
REF3440-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
REF3433-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
REF3430-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
REF3425-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Dropout vs Current Load Over Temperature


Similar Part No. - REF3433-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3433-Q1 TI1-REF3433-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3433-Q1 TI1-REF3433-Q1 Datasheet
1Mb / 29P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3433-Q1 TI-REF3433-Q1 Datasheet
2Mb / 34P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3433-Q1 TI-REF3433-Q1 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3433-Q1 TI-REF3433-Q1 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results

Similar Description - REF3433-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3425 TI1-REF3425_17 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_18 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-Q1 TI1-REF3425-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI1-REF34-Q1 Datasheet
1Mb / 29P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3425-EP TI1-REF3425-EP Datasheet
1Mb / 27P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-EP TI1-REF3425-EP_19 Datasheet
1Mb / 28P
low-drift, low-power, small-footprint series voltage reference
REF34-Q1 TI-REF34-Q1_V01 Datasheet
2Mb / 34P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V02 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V03 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V04 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com