Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVR
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA388IDBVR Datasheet HTML 4Page - Texas Instruments OPA388IDBVR Datasheet HTML 5Page - Texas Instruments OPA388IDBVR Datasheet HTML 6Page - Texas Instruments OPA388IDBVR Datasheet HTML 7Page - Texas Instruments OPA388IDBVR Datasheet HTML 8Page - Texas Instruments OPA388IDBVR Datasheet HTML 9Page - Texas Instruments OPA388IDBVR Datasheet HTML 10Page - Texas Instruments OPA388IDBVR Datasheet HTML 11Page - Texas Instruments OPA388IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
OPA388, OPA2388, OPA4388
SBOS777A – DECEMBER 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Electrical Characteristics: VS = ±1.25 V to ±2.75 V (VS = 2.5 to 5.5 V) (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing from
rail
Positive rail
No load
1
15
mV
RLOAD = 10 kΩ
5
20
RLOAD = 2 kΩ
20
50
Negative rail
No load
5
15
RLOAD = 10 kΩ
10
20
RLOAD = 2 kΩ
40
60
TA = –40°C to +125°C, both rails, RLOAD = 10 kΩ
10
25
ISC
Short-circuit current
VS = 5.5 V
±60
mA
VS = 2.5 V
±30
mA
CLOAD
Capacitive load drive
See Overshoot vs. Cap Load
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A, see Output Impedance
100
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = ±1.25 V (VS = 2.5 V)
IO = 0 A
1.7
2.4
mA
TA = –40°C to +125°C,
IO = 0 A
1.7
2.4
VS = ±2.75 V (VS = 5.5 V)
IO = 0 A
1.9
2.6
TA = –40°C to +125°C,
IO = 0 A
1.9
2.6
TEMPERATURE
TA
Specified range
–40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com