Electronic Components Datasheet Search
  English  ▼

X  

POPA187IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # POPA187IDBVR
Description  0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

POPA187IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button POPA187IDBVR Datasheet HTML 18Page - Texas Instruments POPA187IDBVR Datasheet HTML 19Page - Texas Instruments POPA187IDBVR Datasheet HTML 20Page - Texas Instruments POPA187IDBVR Datasheet HTML 21Page - Texas Instruments POPA187IDBVR Datasheet HTML 22Page - Texas Instruments POPA187IDBVR Datasheet HTML 23Page - Texas Instruments POPA187IDBVR Datasheet HTML 24Page - Texas Instruments POPA187IDBVR Datasheet HTML 25Page - Texas Instruments POPA187IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Input Voltage (V)
0
0.5
1
1.5
0
0.025
0.05
0.1
Load
0.075
2
D001
22
OPA187, OPA2187, OPA4187
SBOS807A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
The design requirements are:
•
Supply voltage: 5 V DC
•
Input: 0 V to 2 V DC
•
Output: 0 mA to 100 mA DC
8.2.1.2 Detailed Design Procedure
The V-I transfer function of the circuit is based on the relationship between the input voltage, VIN, and the three
current sensing resistors, RS1, RS2, and RS3. The relationship between VIN and RS1 determines the current that
flows through the first stage of the design. The current gain from the first stage to the second stage is based on
the relationship between RS2 and RS3.
This application benefits from an operational amplifier with low offset voltage, low temperature drift, and rail-to-
rail output. The OPAx187 CMOS operational amplifier is a high-precision, ultra-low offset, ultra-low drift amplifier,
optimized for wide-voltage, single-supply operation, with an output swing to within 5 mV of the positive rail. The
OPAx187 family uses chopping techniques to provide low initial offset voltage and near-zero drift over time and
temperature. Low offset voltage and low drift reduce the offset error in the system, making this device
appropriate for precise dc control. The rail-to-rail output stage of the OPAx187 makes sure that the output swing
of the operational amplifier is able to fully control the gate of the MOSFET devices within the supply rails.
A detailed error analysis, design procedure, and additional measured results are given in reference design
TIPD102, a step-by-step process to design a High-Side Voltage-to-Current (V-I) Converter.
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test
results, refer to TI Precision Design TIPD102, High-Side Voltage-to-Current (V-I) Converter (SLAU502).
8.2.1.3 Application Curve
Figure 42 shows the measured transfer function for the high-side voltage-to-current converter shown in
Figure 41.
Figure 42. Measured Transfer Function for High-Side V-I Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com