Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388IDBVT
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA388IDBVT Datasheet HTML 17Page - Texas Instruments OPA388IDBVT Datasheet HTML 18Page - Texas Instruments OPA388IDBVT Datasheet HTML 19Page - Texas Instruments OPA388IDBVT Datasheet HTML 20Page - Texas Instruments OPA388IDBVT Datasheet HTML 21Page - Texas Instruments OPA388IDBVT Datasheet HTML 22Page - Texas Instruments OPA388IDBVT Datasheet HTML 23Page - Texas Instruments OPA388IDBVT Datasheet HTML 24Page - Texas Instruments OPA388IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
VEX
R
R
R
R
R1
VREF
VOUT
+5V
Copyright © 2016, Texas Instruments Incorporated
1.65
-1.0
-0.5
0
0.5
1.0
0
3.30
Input Current (A)
21
OPA388, OPA2388, OPA4388
www.ti.com
SBOS777A – DECEMBER 2016 – REVISED JULY 2018
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Application (continued)
The resistor value selected for R1 and R3 was 1 kΩ. 15.4 kΩ was selected for R2 and R4 because this number is
the nearest standard value. Therefore, the ideal gain of the difference amplifier is 15.4 V/V.
The gain error of the circuit primarily depends on R1 through R4. As a result of this dependence, 0.1% resistors
were selected. This configuration reduces the likelihood that the design requires a two-point calibration. A simple
one-point calibration, if desired, removes the offset errors introduced by the 0.5% resistors.
8.2.3 Application Curve
Figure 42. Bidirectional Current-Sensing Circuit Performance:
Output Voltage vs Input Current
8.3 System Examples
8.3.1 Single Operational Amplifier Bridge Amplifier
Figure 43 shows the basic configuration for a bridge amplifier.
Figure 43. Single Operational Amplifier Bridge Amplifier Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com