Electronic Components Datasheet Search
  English  ▼

X  

REF3433 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF3433
Description  Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3433 Datasheet(HTML) 5 Page - Texas Instruments

  REF3433 Datasheet HTML 1Page - Texas Instruments REF3433 Datasheet HTML 2Page - Texas Instruments REF3433 Datasheet HTML 3Page - Texas Instruments REF3433 Datasheet HTML 4Page - Texas Instruments REF3433 Datasheet HTML 5Page - Texas Instruments REF3433 Datasheet HTML 6Page - Texas Instruments REF3433 Datasheet HTML 7Page - Texas Instruments REF3433 Datasheet HTML 8Page - Texas Instruments REF3433 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1
www.ti.com
SBAS901 – JULY 2018
Product Folder Links: REF3425-Q1 REF3430-Q1 REF3433-Q1 REF3440-Q1 REF3450-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Temperature drift is specified according to the box method. See Feature Description for more details.
(2)
The dropout voltage in line regulation test condition is 50 mV.
(3)
The dropout voltage in test condition is 500 mV.
(4)
The peak-to-peak noise measurement procedure is explained in more detail in Noise Performance.
(5)
Long-term stability measurement procedure is explained in more in detail in Long-Term Stability.
(6)
The thermal hysteresis measurement procedure is explained in more detail in Thermal Hysteresis.
7.5 Electrical Characteristics
At TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage
accuracy
–40°C
≤ TA ≤ 125°C
–0.0
5%
0.05%
Output voltage
temperature
coefficient(1)
2.5
6 ppm/°C
LINE AND LOAD REGULATION
ΔV(OΔVIN)
Line regulation
VIN = 5.05 V to 12 V , TA = 25°C
2
ppm/V
VIN = VREF + VDO
(2) to 12 V, −40°C ≤ T
A ≤ 125°C
15
ΔV(OΔIL)
Load regulation
IL = 0 mA to 10 mA, VIN = 3 V, TA =
25°C
Sourcing
20
ppm/m
A
IL = 0 mA to 10 mA, VIN = 3 V,
−40°C ≤ TA ≤ 125°C
Sourcing
30
IL = 0 mA to –10 mA, VIN = VREF+
VDO
(3), T
A = 25°C
Sinking
REF3425-Q1
40
REF3430-Q1
43
REF3433-Q1
48
REF3440-Q1
60
REF3450-Q1
70
IL = 0 mA to –10 mA, VIN = VREF+
VDO
(3), −40°C ≤ T
A ≤ 125°C
Sinking
REF3425-Q1
70
REF3430-Q1
75
REF3433-Q1
84
REF3440-Q1
98
REF3450-Q1
140
ISC
Short-circuit
current (Output
shorted to
ground)
VREF = 0, TA = 25°C
18
22
mA
NOISE
en p-p
Output voltage
noise(4)
ƒ = 0.1 Hz to 10 Hz
5
μV p-
p/V
ƒ = 0.1 Hz to 10 Hz (REF3440-Q1 and REF3450-Q1)
3.8
μV p-
p/V
ƒ = 10 Hz to 10 kHz
24
μV rms
en
Output voltage
noise density
ƒ = 1 kHz
0.25
ppm/
√H
z
ƒ = 1 kHz (REF3440-Q1 and REF3450-Q1)
0.2
ppm/
√H
z
HYSTERESIS AND LONG TERM STABILITY
Long-term
stability(5)
0 - 1000 hours at 35°C
25
ppm
1000 - 2000 hours at 35°C
10
Output voltage
hysteresis(6)
TA = 25°C to −40°C to 125°C to 25°C, Cycle 1
30
ppm
TA = 25°C to −40°C to 125°C to 25°C, Cycle 2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com