Electronic Components Datasheet Search
  English  ▼

X  

MAX9505 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9505
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9505 Datasheet HTML 8Page - Maxim Integrated Products MAX9505 Datasheet HTML 9Page - Maxim Integrated Products MAX9505 Datasheet HTML 10Page - Maxim Integrated Products MAX9505 Datasheet HTML 11Page - Maxim Integrated Products MAX9505 Datasheet HTML 12Page - Maxim Integrated Products MAX9505 Datasheet HTML 13Page - Maxim Integrated Products MAX9505 Datasheet HTML 14Page - Maxim Integrated Products MAX9505 Datasheet HTML 15Page - Maxim Integrated Products MAX9505 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
______________________________________________________________________________________
13
MAX9505
LOGIC
CONTROL
1V
75
Ω
VIDOUT
CPGND C1P
C1N
CPVSS
VSS
C1
1
µF
C2
1
µF
100k
Ω
BIAS
VDD
C4
1
µF
C3
1
µF
CPVDD
VDD
GND
SGND
MODE1
BASEBAND
IC
MODE0
1
2
3
4
MIC INPUT
AUDIO OUT LEFT
AUDIO OUT RIGHT
GROUND
4-POLE MULTIMEDIA JACK
MIC
AMP
SIN
SOUT
2.8V FROM LDO
1
µF
2k
Ω
2k
Ω
NORMAL SWITCH MODE
POLE 1 USED AS A MICROPHONE INPUT
Functional Diagram/Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com