Electronic Components Datasheet Search
  English  ▼

X  

HSC-A2 Datasheet(PDF) 21 Page - Hirose Electric

Part # HSC-A2
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-A2 Datasheet(HTML) 21 Page - Hirose Electric

Back Button HSC-A2 Datasheet HTML 13Page - Hirose Electric HSC-A2 Datasheet HTML 14Page - Hirose Electric HSC-A2 Datasheet HTML 15Page - Hirose Electric HSC-A2 Datasheet HTML 16Page - Hirose Electric HSC-A2 Datasheet HTML 17Page - Hirose Electric HSC-A2 Datasheet HTML 18Page - Hirose Electric HSC-A2 Datasheet HTML 19Page - Hirose Electric HSC-A2 Datasheet HTML 20Page - Hirose Electric HSC-A2 Datasheet HTML 21Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
47
qfor 0.9mm fiber
sSplit sleeve
sSimplified plug
Zirconia
Copper alloy
23.8
4.5
10.3
5
11.4
BPanel cut-out
q8-Position / Unshrouded
Ø2.3
12.4
11.5 3
14.5
8SR
JAPAN
12.7
+0.5
0
2-M2∞0.4
or 2-Ø2.4
+0.2
0
Part Number
CL No.
HSC-T10
704-0350-5
sExtraction tool for Simplified plug
30
6
Part Number
CL No.
HSC-T12
704-0448-8
20
5
Part Number
CL No.
Split sleeve
Color
HSC2-8SR-2(51)
704-0318-2-51
Copper alloy
HSC2-8SR-D2(01)
704-0403-0-01
Zirconia
Blue
HSC2-8SR-2(03)
704-0318-2-03
None
Part Number
CL No.
Split sleeve
HSC-SLIT-SLEEVE(51)
704-0275-1-51
Copper alloy
HSC-D
704-0264-5
Zirconia
Part Number
CL No.
A dimension
Boot color
HSC2-FK-A125(31)
704-0267-3-31
0.125
HSC2-FK-A126(31)
704-0268-6-31
0.126
Black
HSC2-FK-A1255(31)
704-0269-9-31
0.1255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com