Electronic Components Datasheet Search
  English  ▼

X  

MAX9505EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9505EEE
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9505EEE Datasheet HTML 1Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX9505EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
_______________________________________________________________________________________
5
Timing Diagrams
VDD
VDD
SIN
SOUT
MODE0
SGND
LOGIC
INPUT
VNO
VOUT
RL
CL
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VNO (RL / (RL + RON))
MODE0
SWITCH OUTPUT
0V
VIL
0.9 x VOUT
50%
VIH
0.9 x VOUT
VOUT
tON
tOFF
tR < 5ns
tF < 5ns
Figure 1. Analog Switch Turn-On/Off Time
VDD
VDD
SIN
SOUT
SGND
VOUT
CL
MODE0
RGEN
VGEN
VIL TO VIH
IN
∆VOUT
OFF
OFF
ON
VOUT
IN
Q = (
∆VOUT) (CL)
Figure 2. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com