Electronic Components Datasheet Search
  English  ▼

X  

0380-SS Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 0380-SS
Description  CAPTIVE PANEL SCREW STYLE 2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

0380-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  0380-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
5/16 (HD)
[7.94]
5/64 (D)
[1.98]
3/64 (W)
[1.19]
0.078 (PD)
[1.98]
5/64 (PL)
[1.98]
5/16 (HL)
[7.94]
1/2 [12.70] (L)
1/8 (TL)
[3.18]
90
5
0.078 (SD)
[1.98]
19/64 (SL)
[7.54]
CAPTIVE PANEL SCREW STYLE 2
0380-SS
4.16
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
3
COMPONENT
PANEL SCREW
TOLERANCE DETAILS
1
D
+0.010 [+0.25]
- 0.000 [-0.00]
6
PD
+0.000 [+0.00]
- 0.010 [-0.25]
2
L
0.015 [ 0.38]
7
PL
0.015 [ 0.38]
3
W
+0.005 [+0.13]
- 0.000 [-0.00]
8
SD
0.005 [ 0.13]
4
HD
+0.015 [+0.38]
- 0.000 [-0.00]
9
SL
0.010 [ 0.25]
5
HL
0.010 [ 0.25] 10
TL
+0.000 [+0.00]
- 0.015 [-0.38]
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5-M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
45 CHAMFER
TO THD. MAJOR DIA.
STRAIGHT
KNURL
TPI 35
1/32 X 45 (x2)
[0.79]
4-40 THD.


Similar Part No. - 0380-SS

ManufacturerPart #DatasheetDescription
logo
Lumberg
0380 LUMBERG-0380 Datasheet
74Kb / 1P
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40/IP 68
0380 LUMBERG-0380 Datasheet
784Kb / 2P
Accessories-Locking plugs-Accessoires-Connecteurs circulaires
0380 LUMBERG-0380 Datasheet
488Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
logo
Molex Electronics Ltd.
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
0380021284 MOLEX11-0380021284 Datasheet
119Kb / 1P
JUMPER, TERMINAL
More results

Similar Description - 0380-SS

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
0368-SS RAF-0368-SS Datasheet
83Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0369-SS RAF-0369-SS Datasheet
84Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0373-SS RAF-0373-SS Datasheet
88Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0382-SS RAF-0382-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0392-S RAF-0392-S Datasheet
92Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0392-SS RAF-0392-SS Datasheet
92Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
0402-SS RAF-0402-SS Datasheet
94Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
M0171-SS RAF-M0171-SS Datasheet
81Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
M0174-SS RAF-M0174-SS Datasheet
84Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
M0181-SS RAF-M0181-SS Datasheet
78Kb / 1P
CAPTIVE PANEL SCREW STYLE 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com