Electronic Components Datasheet Search
  English  ▼

X  

0820-SS Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 0820-SS
Description  CAPTIVE PANEL SCREW STYLE 4
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

0820-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  0820-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
0.107 (HL)
[2.72]
11/64 (HD)
[4.37]
0.039 (W)
[0.99]
0.048 (D)
[1.22]
0.079 (WL)
[2.01]
0.078 (SD)
[1.98]
3/16 (TL)
[4.76]
7/16 [11.11] (L)
1/4 (SL)
[6.35]
CAPTIVE PANEL SCREW STYLE 4
0820-SS
7.56
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/27/17
COMPONENT
PANEL SCREW
TOLERANCE DETAILS
1
D
+0.000 [+0.00]
- 0.015 [-0.38]
6
SD
0.005 [ 0.13]
2
L
0.015 [ 0.38]
7
SL
0.010 [ 0.25]
3
W
+0.000 [+0.00]
- 0.010 [-0.25]
8
TL
0.010 [ 0.25]
4
HD
0.005 [ 0.13]
9
WL
+0.000 [+0.00]
- 0.010 [-0.25]
5
HL
+0.000 [+0.00]
- 0.015 [-0.38]
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5-M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
4-40 THD.
45 CHAMFER


Similar Part No. - 0820-SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0820000000 ETC2-0820000000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Ashcroft, Inc.
08200SS02TXCKNH ASHCROFT-08200SS02TXCKNH Datasheet
2Mb / 5P
100/101, 200/201, 300/301 Threaded Diaphragm Seal
RevL_09-09-24
08200SS04TXCKNH ASHCROFT-08200SS04TXCKNH Datasheet
2Mb / 5P
100/101, 200/201, 300/301 Threaded Diaphragm Seal
RevL_09-09-24
logo
PHOENIX CONTACT
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
logo
Ashcroft, Inc.
08201SS02TXCKNH ASHCROFT-08201SS02TXCKNH Datasheet
2Mb / 5P
100/101, 200/201, 300/301 Threaded Diaphragm Seal
RevL_09-09-24
More results

Similar Description - 0820-SS

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
0817-SS RAF-0817-SS Datasheet
79Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0819-SS RAF-0819-SS Datasheet
81Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0821-SS RAF-0821-SS Datasheet
84Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0822-SS RAF-0822-SS Datasheet
85Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0824-SS RAF-0824-SS Datasheet
89Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
0833-SS RAF-0833-SS Datasheet
79Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
M0274-SS RAF-M0274-SS Datasheet
87Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
M0275-SS RAF-M0275-SS Datasheet
89Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
M0277-SS RAF-M0277-SS Datasheet
82Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
M0285-SS RAF-M0285-SS Datasheet
92Kb / 1P
CAPTIVE PANEL SCREW STYLE 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com