Electronic Components Datasheet Search
  English  ▼

X  

MCP120 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP120
Description  Microcontroller Supervisory Circuit with Open Drain Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120 Datasheet(HTML) 1 Page - Microchip Technology

  MCP120 Datasheet HTML 1Page - Microchip Technology MCP120 Datasheet HTML 2Page - Microchip Technology MCP120 Datasheet HTML 3Page - Microchip Technology MCP120 Datasheet HTML 4Page - Microchip Technology MCP120 Datasheet HTML 5Page - Microchip Technology MCP120 Datasheet HTML 6Page - Microchip Technology MCP120 Datasheet HTML 7Page - Microchip Technology MCP120 Datasheet HTML 8Page - Microchip Technology MCP120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2001 Microchip Technology Inc.
DS11184D-page 1
MCP120/130
FEATURES
• Holds microcontroller in reset until supply voltage
reaches stable operating level
• Resets microcontroller during power loss
• Precision monitoring of 3V, 3.3V and 5V systems
• 7 voltage trip points available
• Active low RESET pin
• Open drain output
• Internal pull-up resistor (5 k
Ω) for MCP130
• Holds RESET for 350 ms (typical)
• RESET to VCC = 1.0V
• Accuracy of ±125 mV for 5V systems and ±75 mV
for 3V systems over temperature
•45
µA typical operating current
• Temperature range:
- Industrial (I): -40
°C to +85°C
DESCRIPTION
The Microchip Technology Inc. MCP120/130 is a volt-
age supervisory device designed to keep a microcon-
troller in reset until the system voltage has reached the
proper level and stabilized. It also operates as protec-
tion from brown-out conditions when the supply voltage
drops below a safe operating level. Both devices are
available with a choice of seven different trip voltages
and both have open drain outputs. The MCP130 has an
internal 5 k
Ω pullup resistor. Both devices have active
low RESET pins. The MCP120/130 will assert the
RESET signal whenever the voltage on the VDD pin is
below the trip-point voltage.
PACKAGES
BLOCK DIAGRAM
VSS
VDD
RST
VSS
VDD
VSS
VDD
RST
VSS
VDD
RST
VSS
RST
VDD
TO-92 with
‘D’ Bondout
TO-92 WITH
‘F’ BONDOUT
TO-92 with
‘G’ Bondout
TO-92 with
‘H’ Bondout
SOT-23-3
MCP120
MCP130
MCP130
MCP120
MCP130
MCP120
MCP120
MCP130
RST
VDD
NC
VSS
1
2
3
4
8
7
6
5
NC
NC
NC
NC
150mil SOIC
MCP120
MCP130
RST
Delay
Circuit
Output
Driver
RESET
VDD
+
-
Comparator
pull-up on
MCP130
5k
Ω internal
Bandgap
Reference
only
Microcontroller Supervisory Circuit with Open Drain Output


Similar Part No. - MCP120

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120 MICROCHIP-MCP120 Datasheet
167Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP120-270DI MICROCHIP-MCP120-270DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120-300DI MICROCHIP-MCP120-300DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120-315DI MICROCHIP-MCP120-315DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results

Similar Description - MCP120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
logo
Microchip Technology
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
Microcontroller Supervisory Circuit with Push-Pull Output
1999
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
Microchip Technology
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com