Electronic Components Datasheet Search
  English  ▼

X  

MP3274 Datasheet(PDF) 9 Page - Exar Corporation

Part # MP3274
Description  Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3274 Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP3274 Datasheet HTML 5Page - Exar Corporation MP3274 Datasheet HTML 6Page - Exar Corporation MP3274 Datasheet HTML 7Page - Exar Corporation MP3274 Datasheet HTML 8Page - Exar Corporation MP3274 Datasheet HTML 9Page - Exar Corporation MP3274 Datasheet HTML 10Page - Exar Corporation MP3274 Datasheet HTML 11Page - Exar Corporation MP3274 Datasheet HTML 12Page - Exar Corporation MP3274 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP3274
9
Rev. 4.00
Figure 3. Load Circuit for Data
Access Time Test
3k
CL
a. High-Z to VON
DB N
3k
b. High-Z to VOL
+5 V
Figure 4. Load Circuit for
Bus Relinquish Time Test
3k
10pF
a. VON to High-Z
3k
10pF
b. VOL to High-Z
+5 V
N
DB
N
DB
N
DB
CL
CL
Figure 5. Load Circuit for WR to STS Delay
DGND
STL, STS
Serial Data Output Mode (PXS = 0)
The MP3274 output data is available in serial form when PXS
= 0 prior to the RD high-to-low transition. When PXS = 0, the
DB11/SDO pin functions as the serial data output.
The
DB0/SDC pin functions as the serial clock input and all other
data outputs are 3-stated.
The serial data output sequence is MSB (DB11) first to LSB
(DB0) last. The MSB (DB11) data bit appears at DB11/SDO
when STS goes low. The second most significant bit appears at
DB11/SDO on the next DB0/SDC high-to-low transition. The
LSB (DB0) is present at DB11/SDO on the 11th SDC high-to-low
transition.
The control pin functions (ADEN, CS, WR, and RD) are the
same as the parallel mode of operation. Further information re-
garding serial control and timing is shown in
Figure 6., Table 4.
and
Table 5.
For a minimum interconnect serial environment, the channel
address state can be generated in at least two ways, using an
address counter, or using an address serial to parallel converter.
WR can then be used as the counter clock or shift register load
signal as well as the A/D converter start convert signal on the ris-
ing edge. (Note that the falling edge loads the address present at
the address port.)
SDC
DB11/SDO
Figure 6. Serial Data Mode Timing
DB11 (MSB)
DB10
t21
t22
SDC should be in a high state during the STS high period. SDC can make the first high to low transition after t21. In normal use it is
assumed that PXS is hardwired low. However, if the mode of operation is changed, PXS must go low prior to RD going low.
t20
STS
See Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com