Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP235
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 8Page - Texas Instruments TMP235 Datasheet HTML 9Page - Texas Instruments TMP235 Datasheet HTML 10Page - Texas Instruments TMP235 Datasheet HTML 11Page - Texas Instruments TMP235 Datasheet HTML 12Page - Texas Instruments TMP235 Datasheet HTML 13Page - Texas Instruments TMP235 Datasheet HTML 14Page - Texas Instruments TMP235 Datasheet HTML 15Page - Texas Instruments TMP235 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GND
GND
OUT
GND
VDD
0.1 µF
VIA to ground plane
VIA to power plane
TA (qC)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
D003
TMP235
TMP236
12
TMP235, TMP236
SBOS857D – SEPTEMBER 2017 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.3 Application Curve
Figure 14. Output Voltage vs. Ambient
9 Power Supply Recommendations
The low supply current and supply range of the TMP23x allow the device to be easily powered from many
sources.
Power supply bypassing is optional and is mainly dependent on the noise of the power supply. In noisy
environments, TI recommends adding a 0.1-μF capacitor from V+ to GND to bypass the power supply voltage.
Larger capacitances may be required and are dependent on the noise of the power supply.
10 Layout
10.1 Layout Guidelines
The layout of the TMP23x series is simple. If a power supply bypass capacitor is used, the capacitor must be
connected as Layout Examples shows.
10.2 Layout Examples
Figure 15. Recommended Layout: SC70 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com