Electronic Components Datasheet Search
  English  ▼

X  

TMP235A2DBZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP235A2DBZR
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235A2DBZR Datasheet(HTML) 2 Page - Texas Instruments

  TMP235A2DBZR Datasheet HTML 1Page - Texas Instruments TMP235A2DBZR Datasheet HTML 2Page - Texas Instruments TMP235A2DBZR Datasheet HTML 3Page - Texas Instruments TMP235A2DBZR Datasheet HTML 4Page - Texas Instruments TMP235A2DBZR Datasheet HTML 5Page - Texas Instruments TMP235A2DBZR Datasheet HTML 6Page - Texas Instruments TMP235A2DBZR Datasheet HTML 7Page - Texas Instruments TMP235A2DBZR Datasheet HTML 8Page - Texas Instruments TMP235A2DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
TMP235, TMP236
SBOS857D – SEPTEMBER 2017 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application .................................................. 11
9
Power Supply Recommendations ...................... 12
10
Layout................................................................... 12
10.1
Layout Guidelines ................................................. 12
10.2
Layout Examples................................................... 12
11
Device and Documentation Support ................. 13
11.1
Related Links ........................................................ 13
11.2
Receiving Notification of Documentation Updates 13
11.3
Community Resources.......................................... 13
11.4
Trademarks ........................................................... 13
11.5
Electrostatic Discharge Caution ............................ 13
11.6
Glossary ................................................................ 13
12
Mechanical, Packaging, and Orderable
Information ........................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2018) to Revision D
Page
•
Changed DBZ (SOT-23) package status from preview to production data............................................................................ 1
Changes from Revision B (February 2018) to Revision C
Page
•
Added DBZ (SOT-23) preview package ................................................................................................................................ 1
•
Added TMP236 test conditions to the operating current parameters..................................................................................... 5
•
Added SOT-23 and SC70 package test conditions to the Accuracy Level 2 (A2) limits in the 0
℃ to 70℃ range ................ 5
Changes from Revision A (December 2017) to Revision B
Page
•
Changed reference to typical accuracy specifications from: ±1°C and ±2°C to: ±0.5°C and ±1°C........................................ 1
•
Deleted erroneous AOQL footnote ......................................................................................................................................... 5
•
Changed specification limits indicated in Figure 1 ................................................................................................................. 6
•
Added Device Functional Modes section ............................................................................................................................ 10
Changes from Original (September 2017) to Revision A
Page
•
Changed document status from Advance Information to Production Data ............................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com