Electronic Components Datasheet Search
  English  ▼

X  

TP21AM Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # TP21AM
Description  Touch panel with 14.5 cm/5.7" FSTN-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA), 5 grayscales, ARM9?? 200 MHz, 2x USB host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows CE 5.0 and user software: TSvisRT. (bus system: CAN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

TP21AM Datasheet(HTML) 1 Page - PHOENIX CONTACT

  TP21AM Datasheet HTML 1Page - PHOENIX CONTACT TP21AM Datasheet HTML 2Page - PHOENIX CONTACT TP21AM Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2401017
08/14/2018   Page 1 / 3
Touch panel - TP21AM/742000 S00001 - 2401017
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Touch panel with 14.5 cm/5.7" FSTN-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA),
5 grayscales, ARM9™, 200 MHz, 2x USB host 2.0, 1 x Ethernet (10/100 Mbps), RJ45, Windows CE
5.0 and user software: TSvisRT. (bus system: CAN)
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626097053
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
External dimension, width
203 mm
External dimension, height
147 mm
External dimension, depth
5 mm
Note regarding external dimension
Dimensions of the front plate
Installation dimension, width
195 mm
Installation dimension, height
139 mm
Installation dimension, depth
66 mm
Note regarding installation dimension
Mounting cutout, depth with bus if bus system present in the device
Display
Display
14.5 cm/5.7" FSTN
Screen resolution
320 x 240 Pixel(s) (QVGA)
Backlighting
LED
Display backlight MTBF
40000 h
Touch technology
analog resistive (polyester)


Similar Part No. - TP21AM

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TP21AS PHOENIX-TP21AS Datasheet
64Kb / 3P
Touch panel with 14.5 cm/5.7" TFT active-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA),
More results

Similar Description - TP21AM

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TP21AS PHOENIX-TP21AS Datasheet
64Kb / 3P
Touch panel with 14.5 cm/5.7" TFT active-display (analog resistive (polyester)), 320 x 240 Pixel(s) (QVGA),
TP-3043W PHOENIX-TP-3043W Datasheet
64Kb / 3P
Touch panel with 10,92 cm / 4,3"-TFT-display (analog resistive (polyester)), 480 x 272 Pixel(s) (WQVGA),
TP-3154W PHOENIX-TP-3154W Datasheet
63Kb / 3P
Touch panel with 39.12 cm / 15.4"-TFT-display (analog resistive (polyester)), 1280 x 800 Pixel(s) (WXGA),
TPE057SGV PHOENIX-TPE057SGV Datasheet
56Kb / 3P
Rugged-Touch panel with 14.5 cm/5.7" TFT active-display (analog resistive (polyester)),
logo
WAGO Kontakttechnik Gmb...
762-4302-8000-002 WAGO-762-4302-8000-002 Datasheet
281Kb / 7P
Touch Panel 600; 14.5 cm (5.7"); 640 x 480 pixels; 2 x ETHERNET, 2 x USB,
762-4102 WAGO-762-4102 Datasheet
244Kb / 5P
Touch Panel 600; 14.5 cm (5.7"); 640 x 480 pixels; 2 x USB, 2 x ETHERNET;
762-3057-000-001 WAGO-762-3057-000-001 Datasheet
171Kb / 6P
Control Panel; 14.5 cm (5.7"); 320 x 240 pixels; Target Visualization
762-1057 WAGO-762-1057 Datasheet
158Kb / 5P
Web Panel; 14.5 cm (5.7"); 320 x 240 pixels
762-6202-8000-001 WAGO-762-6202-8000-001 Datasheet
272Kb / 6P
Touch Panel 600; 14.5 cm (5.7"); 640 x 480 pixels; 2 x ETHERNET, 2 x USB
762-6302-8000-002 WAGO-762-6302-8000-002 Datasheet
287Kb / 6P
Touch Panel 600; 14.5 cm (5.7"); 640 x 480 pixels; 2 x ETHERNET, 2 x USB,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com