Electronic Components Datasheet Search
  English  ▼

X  

G220C Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # G220C
Description  Color band denotes cathode end
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

G220C Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  G220C Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - G220C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
G220C EIC-G220C Datasheet
114Kb / 1P
SIDACs
More results

Similar Description - G220C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
Dual-band RF front-end
1999 Mar 02
logo
Sony Corporation
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
Base Band Hue/Color Control
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Fairchild Semiconductor
1N4736AT FAIRCHILD-1N4736AT Datasheet
56Kb / 5P
COLOR BAND DENOTES CATHODE
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
3.3V, DUAL-BAND FRONT-END MODULE
logo
Lucky Light Electronic
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
Multi-Color, Common Cathode 3mm Cylindrical Type
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
DENOTES CRITICAL PARAMETER
logo
Yea Shin Technology Co....
B5819WSFL YEASHIN-B5819WSFL Datasheet
202Kb / 3P
Band Indicates Cathode
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
Dual-Band 802.11ac Front-End Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com