Electronic Components Datasheet Search
  English  ▼

X  

0805CDMA Datasheet(PDF) 1 Page - AVX Corporation

Part # 0805CDMA
Description  Low Insertion Loss
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805CDMA Datasheet(HTML) 1 Page - AVX Corporation

  0805CDMA Datasheet HTML 1Page - AVX Corporation 0805CDMA Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
127
6
Multilayer Organic (MLO
TM)
0805 CDMA Diplexer
MLO
TM TECHNOLOGY
The 0805 diplexer is a best in class low profile
multilayer organic passive device that is based
on AVX’s patented multilayer organic high
density interconnect technology. The MLO
TM
diplexer uses high dielectric constant and low
loss materials to realize high Q passive printed
passive elements such as inductors and
capacitors in a multilayer stack up. The MLO
TM
diplexers can support multiple wireless
standards such as WCDMA, CDMA, WLAN,
and GSM and are less than 0.6mm in
thickness. These components are ideally
suited for band switching for dual band
systems. All diplexers are expansion matched
to FR4 thereby resulting in improved reliability
over standard Si and ceramic devices.
APPLICATIONS
Multiband applications including WCDMA,
WLAN, WiMax, GPS, and cellular bands
LAND GRID ARRAY
ADVANTAGES
• Low Insertion Loss
• Excellent Solderability
• Low Parasitics
• Low Profile
QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters
and visual characteristics.
OPERATING TEMPERATURE
-40ºC to +85ºC
TERMINATION
Finishes available in Ni/Sn, Immersion Sn, Immersion Au
and OSP coatings which are compatible with automatic
soldering technologies which include reflow, wave
soldering, vapor phase and manual.
PART NUMBER: DP05A19207TR
Specification @ 25ºC
Size [mm(inches)]
2.12 x 1.28 (0.083 x 0.050)
Height [mm(inches)]
0.55 (0.021)
Volume (mm^3)
1.5
Frequency Range (F1) (MHz)
859±35
Frequency Range (F2) (MHz)
1920±70
Insertion Loss (F1, at Fc) (dB)
-0.4
Insertion Loss (F2, at Fc) (dB)
-0.6
Attenuation (F1) at (F2) (dB)
-23
Attenuation (F2) at (F1) (dB)
-23
VSWR (Input @ F1)
1.4
VSWR (Input @ F2)
1.3
VSWR (Lowband @ F1)
1.4
VSWR (Highband @ F2)
1.4
A
Design
1920
Frequency
(MHz)
7
Finish
7 = Au
T = NiSn
TR
Packaging
Tape & Reel
TR = 3 Kpcs
TR/500 = 500 pcs
HOW TO ORDER
DP
Type
05
Size
Bottom View
Side View
0.20±0.10
(0.008±0.004)
0.20±0.10
(0.008±0.004)
2.12±0.20
(0.083±0.008)
0.44±0.10
(0.017±0.004)
0.55±0.10
(0.022±0.004)
0.64±0.05
(0.025±0.002)
0.04±0.04
(0.002±0.002)
0.25±0.10
(0.010±0.004)
1.28±0.20
(0.050±0.008)
0.95±0.05
(0.037±0.002)
Unit: mm (inches)
6
5
4
1
2
3
6
5
4
1
2
3
COMPONENT DIMENSIONS AND FUNCTIONS
Terminal No.
Terminal Name
1
High Frequency Port
2GND
3
Low Frequency Port
4GND
5
Common Port
6GND
POWER CAPACITY
4.5W Maximum
ORIENTATION IN TAPE
Top View


Similar Part No. - 0805CDMA

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
0805CD PULSE-0805CD Datasheet
1Mb / 6P
Wire Wound
More results

Similar Description - 0805CDMA

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
Low Insertion Loss
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
Low Insertion Loss
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com