Electronic Components Datasheet Search
  English  ▼

X  

5602 Datasheet(PDF) 3 Page - AVX Corporation

Part # 5602
Description  Fine Pitch SMT Board to Board Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

5602 Datasheet(HTML) 3 Page - AVX Corporation

  5602 Datasheet HTML 1Page - AVX Corporation 5602 Datasheet HTML 2Page - AVX Corporation 5602 Datasheet HTML 3Page - AVX Corporation 5602 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5
ELCO
X4
Prefix
14 = Plug
24 = Receptacle
5602
Series
Number
XXX
Number of
Positions
020
024
030
034
040
050
060
070
080
00X
Variation Code
2 = With Strain Relief
and without Boss
3 = With Strain Relief
and with Boss
829
Finish
Code
HOW TO ORDER
Fine Pitch SMT
Board to Board Connectors
Series 5602 – 1.5mm Mated Height, with Strain Relief
No. of
Dimension
Pos.
AB
C
D
020
3.6
7.1
5.2
6.4
(0.142) (0.280) (0.205) (0.252)
024
4.4
7.9
6.0
7.2
(0.173) (0.311) (0.236) (0.283)
030
5.6
9.1
7.2
8.4
(0.220) (0.358) (0.283) (0.331)
034
6.4
9.9
8.0
9.2
(0.2520) (0.390) (0.315) (0.362)
040
7.6
11.1
9.2
10.4
(0.705) (0.437) (0.709) (0.409)
050
9.6
13.1
11.2
12.4
(0.378) (0.476) (0.441) (0.488)
060
11.6
15.1
13.2
14.4
(0.457) (0.594) (0.520) (0.567)
070
13.6
17.1
15.2
16.4
(0.535) (0.673) (0.598) (0.646)
080
15.6
19.1
17.2
18.4
(0.614) (0.752) (0.677) (0.724)
No. of
Dimension
Pos.
AB
C
DE
020
3.6
5.6
7.1
4.5
5.0
(0.142) (0.220) (0.280) (0.177) (0.197)
024
4.4
6.4
7.9
5.3
5.8
(0.173) (0.252) (0.3112) (0.209) (0.228)
030
5.6
7.6
9.1
6.5
7.0
(0.220) (0.299) (0.358) (0.256) (0.276)
034
6.4
8.4
9.9
7.3
7.8
(0.252) (0.331) (0.390) (0.287) (0.307)
040
7.6
9.6
11.1
8.5
9.0
(0.705) (0.378) (0.437) (0.335) (0.354)
050
9.6
11.6
13.1
10.5
11.0
(0.378) (0.457) (0.516) (0.413) (0.433)
060
11.6
13.6
15.1
12.5
13.0
(0.457) (0.535) (0.594) (0.492) (0.512)
070
13.6
15.6
17.1
14.5
15.0
(0.535) (0.614) (0.673) (0.571) (0.591)
080
15.6
17.6
19.1
16.5
17.0
(0.614) (0.693) (0.752) (0.650) (0.669)
RECEPTACLE
PLUG
Parts are supplied in tape and reel packaging
with 2000 pieces per reel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com