Electronic Components Datasheet Search
  English  ▼

X  

L1806 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1806
Description  3A, ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1806 Datasheet(HTML) 1 Page - Unisonic Technologies

  L1806 Datasheet HTML 1Page - Unisonic Technologies L1806 Datasheet HTML 2Page - Unisonic Technologies L1806 Datasheet HTML 3Page - Unisonic Technologies L1806 Datasheet HTML 4Page - Unisonic Technologies L1806 Datasheet HTML 5Page - Unisonic Technologies L1806 Datasheet HTML 6Page - Unisonic Technologies L1806 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1806
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-063.c
3A, ULTRA LOW DROPOUT
(0.23V@3A) LINEAR
REGULATOR
DESCRIPTION
The UTC L1806 is a typical LDO with the features of very low
dropout voltage as low as 0.23V at output current 3A.
For normal operation, two supply voltages are necessary. One
called control voltage from other equipment can shutdown the
output voltage and it should pull and hold the voltage of EN pin less
than 0.5V. Another one is the main supply voltage whose purpose is
for main power conversion, to keep the power dissipation low, and
to make the dropout voltage lower.
Internally, in the UTC L1806, there’re many functions which
can be seen in the block figure to prevent the IC from being
damaged. Internal Power-On-Reset (POR) circuit can control the
two supply voltages to prevent fault operations of the circuit; the
thermal shutdown circuit is able to protect the device from over
thermal operation, and a current limit function will keep the device
work safely under current over-loads.
The UTC L1806 can be used as an ideal to provide well supply
voltage in the applications, such as front-side-bus termination on
motherboard, NB applications, front side bus VTT (1.2V/3A) and
note book PC applications.
FEATURES
* Low Dropout VD=0.23V(typ.)@ IOUT=3A
* Low ESR Output Capacitor
* VREF=0.8V
* Fast Transient Response
* Output Voltage Adjustable through External Resistors
* POR(Power-On-Reset) controlling VCNTL and VIN
* With internal Soft-Start
* Internal Current Limit Protection
* Internal Under Voltage Protection
* Hysteretic Thermal Shutdown
* With Power-OK Output (with a Delay Time)
* Low Shutdown Quiescent Current (<30 uA)
* Shutdown/Enable Control Function
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L1806L-SH2-R
L1806G-SH2-R
HSOP-8
Tape Reel
L1806L-K10-3030-R
L1806G-K10-3030-R
DFN3030-10
Tape Reel
L1806G-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8, K10-3030: DFN3030-10
(3) G: Halogen Free and Lead Free, L: Lead Free
(3)Green Package


Similar Part No. - L1806

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1806G-K10-3030-R UTC-L1806G-K10-3030-R Datasheet
241Kb / 7P
With internal Soft-Start
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
With internal Soft-Start
More results

Similar Description - L1806

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com