Electronic Components Datasheet Search
  English  ▼

X  

LR1198 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1198
Description  ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1198 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1198 Datasheet HTML 1Page - Unisonic Technologies LR1198 Datasheet HTML 2Page - Unisonic Technologies LR1198 Datasheet HTML 3Page - Unisonic Technologies LR1198 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LR1198
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R102-077.E
MARKING
PACKAGE
VOLTAGE CODE
MARKING
SOT-23-5
15: 1.5V
28: 2.8V
30: 3.0V
PIN CONFIGURATION
PIN DESCRIPTION
PIN No.
A
C
PIN NAME
DESCRIPTION
1
5
VIN
Power Input Voltage
2
3
GND
Ground
3
1
EN
Chip Enable (Active High). EN is internally pulled up by a resistor.It
can be floating for normal operate.
4
2
N.C
5
4
VOUT
Output Voltage
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com