Electronic Components Datasheet Search
  English  ▼

X  

LR18220 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR18220
Description  2A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18220 Datasheet(HTML) 3 Page - Unisonic Technologies

  LR18220 Datasheet HTML 1Page - Unisonic Technologies LR18220 Datasheet HTML 2Page - Unisonic Technologies LR18220 Datasheet HTML 3Page - Unisonic Technologies LR18220 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LR18220
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R102-073.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage (Survival)
VIN
6
V
Enable Input Voltage (Survival)
VEN
6
V
Maximum Output Current
IMAX
2
A
Operating Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
150
°C/W
Junction to Ambient
HSOP-8
θJA
143
°C/W
ELECTRICAL CHARACTERISTICS
(Limits in standard typeface are for TJ=25°C, unless otherwise specified.)
(VIN (Note 1) =VO (NOM) +1V, IL=10mA, CIN=10uF, COUT=10uF, VEN=VIN-0.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Tolerance
VO
VOUT+1V<VIN<5.5V
-3
0
3
%
Adjustable Pin Voltage
VADJ
2.5V<VIN<5.5V
0.776
0.8
0.824
V
Line Regulation
∆VLINE
VOUT+1V<VIN<5.5V
0.15
0.40
V/%
Load Regulation (Note 2)
∆VLOAD
10mA<IL<2A
0.20
0.60
%
IL=200mA
45
65
Dropout Voltage (Note 3)
VDROP
IL=2A
400
600
mV
IL=200mA
0.30
1.0
Ground Pin Current
IGND
IL=2A
0.30
1.0
mA
Ground Pin Current
IGND_OFF
VEN<0.2V
0.5
2
uA
f=1kHz
55
Power Supply Rejection Ratio
PSRR
f=1kHz, CFF=1uF
65
dB
Current Limit
ILIMIT
4
A
Thermal Shutdown Temperature
TSD
170
°C
Logic Low
VIL
Output=Low
0.4
V
Enable threshold
Logic High
VIH
Output=High
2.0
V
Enable Input Current
IEN
VEN=VIN
-1
0
1
uA
Notes: 1. The minimum operating value for input voltage is equal to either (VOUT, NOM+VDROP) or 2.5V, whichever is
greater.
2. Regulation is measured at constant junction temperature by using a 10ms current pulse. Devices are
tested for load regulation in the load range from 10mA to 2A.
3. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2%
below the nominal value. Dropout voltage specification applies only to output voltages of 2.5V and above.
For output voltages below 2.5V, the dropout voltage is nothing but the input to output differential, since
the minimum input voltage is 2.5V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com