Electronic Components Datasheet Search
  English  ▼

X  

OM9369SP Datasheet(PDF) 13 Page - International Rectifier

Part # OM9369SP
Description  FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM9369SP Datasheet(HTML) 13 Page - International Rectifier

Back Button OM9369SP Datasheet HTML 6Page - International Rectifier OM9369SP Datasheet HTML 7Page - International Rectifier OM9369SP Datasheet HTML 8Page - International Rectifier OM9369SP Datasheet HTML 9Page - International Rectifier OM9369SP Datasheet HTML 10Page - International Rectifier OM9369SP Datasheet HTML 11Page - International Rectifier OM9369SP Datasheet HTML 12Page - International Rectifier OM9369SP Datasheet HTML 13Page - International Rectifier OM9369SP Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.irf.com
13
OM9369
Commutation Truth Table
Table 1 - Commutation Truth Table
Dir
H1
H2
H3
A
B
C
1
0
0
1
Hi-Z
Sink
Source
1
0
1
1
Sink
Hi-Z
Source
1
0
1
0
Sink
Source
Hi-Z
1
1
1
0
Hi-Z
Source
Sink
1
1
0
0
Source
Hi-Z
Sink
1
1
0
1
Source
Sink
Hi-Z
0
1
0
1
Sink
Source
Hi-Z
0
1
0
0
Sink
Hi-Z
Source
0
1
1
0
Hi-Z
Sink
Source
0
0
1
0
Source
Sink
Hi-Z
0
0
1
1
Source
Hi-Z
Sink
0
0
0
1
Hi-Z
Source
Sink
X
0
0
0
Hi-Z
Hi-Z
Hi-Z
X
1
1
1
Hi-Z
Hi-Z
Hi-Z
Digital Inputs
Phase Outputs
Table 1 shows the Phase Output state versus the state
of the Hall-Effect and Direction Inputs. Please note
that the OM9369 Hall-Effect Inputs are Grey-encoded;
that is, only one input is allowed to change from one
input state to another at a time.
The commutation coding shown reflects Hall-Effect
sensors that are spaced at 120° mechanical
increments. Also, internal protection logic disables
all three Phase Outputs when the Hall-Effect Inputs
are set to an illegal condition (i.e. all logic low or all
logic high).
The OM9369 is offered in F-43, a hermetic flatpack
package as well as in MP3-43L, a plastic ring frame,
low profile flatpack package.
The hermetic version is offered in two standard
screening levels: a full military temperature range of
-55°C to +125°C with limited screening and with
Package and Screening Options
MIL-STD-883 screening. The plastic ring frame ver-
sion is offered in an industrial temperature range of
-40°C to +85°C with limited screening.
The screening levels for the SFB, SFP and SPP
versions are listed in the table below. All tests and
inspections are in accordance with those listed in
MIL-STD-883.
Test / Inspection
SFB
SFP
SPP
Precap Visual Inspection
100%
100%
100%
Temperature Cycle
100%
NA
NA
Mechanical Shock
100%
NA
NA
Hermeticity ( Fine and Gross Leak )
100%
100%
NA
Pre Burn-In Electrical
100%
NA
NA
Burn-In ( 160 hours )
100%
NA
NA
Final Electrical Test
-55°C, 25°C, +125°C
+25°C
+25°C
Group A Testing
100%
NA
NA
Final Visual Inspection
100%
100%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com