Electronic Components Datasheet Search
  English  ▼

X  

MPKC2SB Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MPKC2SB
Description  600V FRD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKC2SB Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MPKC2SB Datasheet HTML 1Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 2Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 3Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 4Page - MagnaChip Semiconductor. MPKC2SB Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mar. 2013.Version 2.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings @Tc = 25oC (Per Leg)
Characteristics
Conditions
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Reverse DC Voltage
VR(DC)
480
V
Average Forward
Current
TC=25
oC
Resistive Load
IF(AV)
300
A
TC=100
oC
150
A
Surge(non-repetitive) Forward
Current
One Half Cycle at 60Hz,
Peak Value
IFSM
2750
A
I
2t for Fusing
Value for One Cycle Current,
tw = 8.3ms, Tj= 25℃ Start
I
2t
31.3* 10
3
A
2s
Junction Temperature
TJ
-40 ~ 150
℃
Maximum Power Dissipation
PD
520
W
Isolation Voltage
@AC 1 minutes
Visol
2500
V
Storage Temperature
Tstg
-40 ~ 150
℃
Mounting Torque
-
4.0
N.m
Terminal Torque
Typical Including Screws
-
3.0
N.m
Weight
-
180
g
Product
Name
MPKC2SB150U60
MPKC2CB150U60
Optional
Information
Side Common
& P-type
Center Common
& P-type
MPKC2SB/CB150U60
600V FRD Module
General Description
Ultra-FRD module devices are optimized to reduce losses
and EMI/RFI in high frequency power conditioning electrical
systems.
These diode modules are ideally suited for power converters,
Motors drives and other applications where switching losses
are significant portion of the total losses.
Features
 Repetitive Reverse Voltage : VRRM= 600V
 Low Forward Voltage : VF(typ.) = 1.45V
 Average Forward Current : IF(Av.)=150A @TC=100℃
 Ultra-Fast Reverse Recovery Time : trr(typ.) = 40ns
 Extensive Characterization of Recovery Parameters
 Reduced EMI and RFI
 Isolation Type Package
Applications
 High Speed & High Power converters, Welders
 Various Switching and Telecommunication Power Supply
Ordering Information
E301932
5DM-2


Similar Part No. - MPKC2SB

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPKC2SA150U40 MGCHIP-MPKC2SA150U40 Datasheet
638Kb / 5P
400V FRD Module
More results

Similar Description - MPKC2SB

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH270F6 NIEC-PH270F6 Datasheet
30Kb / 2P
FRD MODULE 270A/600V/trr:170nsec
P2H30F6 NIEC-P2H30F6 Datasheet
154Kb / 3P
FRD MODULE 30A/600V
P2H60F6 NIEC-P2H60F6 Datasheet
154Kb / 3P
FRD MODULE 60A/600V
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
logo
MagnaChip Semiconductor...
MPSC2N100U60 MGCHIP-MPSC2N100U60 Datasheet
643Kb / 5P
600V FRD Module
MPGB1N300U60 MGCHIP-MPGB1N300U60 Datasheet
635Kb / 5P
600V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
MPJC2CA150U60 MGCHIP-MPJC2CA150U60 Datasheet
610Kb / 5P
600V FRD Module
MPKB2CA MGCHIP-MPKB2CA Datasheet
648Kb / 5P
600V FRD Module
MPKB2CA150U60 MGCHIP-MPKB2CA150U60 Datasheet
629Kb / 5P
600V FRD Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com